Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 163Page - Renesas Technology Corp H8S/2426 Datasheet HTML 164Page - Renesas Technology Corp H8S/2426 Datasheet HTML 165Page - Renesas Technology Corp H8S/2426 Datasheet HTML 166Page - Renesas Technology Corp H8S/2426 Datasheet HTML 167Page - Renesas Technology Corp H8S/2426 Datasheet HTML 168Page - Renesas Technology Corp H8S/2426 Datasheet HTML 169Page - Renesas Technology Corp H8S/2426 Datasheet HTML 170Page - Renesas Technology Corp H8S/2426 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 139 of 1270
REJ09B0466-0100
5.6.4
Interrupt Response Times
Table 5.4 shows interrupt response times - the interval between generation of an interrupt request
and execution of the first instruction in the interrupt handling routine. The execution status
symbols used in table 5.4 are explained in table 5.5. This LSI is capable of fast word transfer to
on-chip memory, and have the program area in on-chip ROM and the stack area in on-chip RAM,
enabling high-speed processing.
Table 5.4
Interrupt Response Times
Normal Mode*
5
Advanced Mode
No.
Execution Status
Interrupt
control
mode 0
Interrupt
control
mode 2
Interrupt
control
mode 0
Interrupt
control
mode 2
1
Interrupt priority determination*
1
3
3
3
3
2
Number of wait states until executing
instruction ends*
2
1 to 19
+2·S
I
1 to 19+2·S
I
1 to 19+2·S
I
1 to
19+2·S
I
3
PC, CCR, EXR stack save
2·S
K
3·S
K
2·S
K
3·S
K
4
Vector fetch
S
I
S
I
2·S
I
2·S
I
5
Instruction fetch*
3
2·S
I
2·S
I
2·S
I
2·S
I
6
Internal processing*
4
2
2
2
2
Total (using on-chip memory)
11 to 31
12 to 32
12 to 32
13 to 33
Notes: 1. Two states in case of internal interrupt.
2. Refers to MULXS and DIVXS instructions.
3. Prefetch after interrupt acceptance and interrupt handling routine prefetch.
4. Internal processing after interrupt acceptance and internal processing after vector fetch.
5. Not available in this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com