Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 194Page - Renesas Technology Corp H8S/2426 Datasheet HTML 195Page - Renesas Technology Corp H8S/2426 Datasheet HTML 196Page - Renesas Technology Corp H8S/2426 Datasheet HTML 197Page - Renesas Technology Corp H8S/2426 Datasheet HTML 198Page - Renesas Technology Corp H8S/2426 Datasheet HTML 199Page - Renesas Technology Corp H8S/2426 Datasheet HTML 200Page - Renesas Technology Corp H8S/2426 Datasheet HTML 201Page - Renesas Technology Corp H8S/2426 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 170 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
6
RCDM
0
R/W
RAS Down Mode
When access to DRAM space is interrupted by an
access to normal space, an access to an internal
I/O register, etc., this bit selects whether the
RAS
signal is held low while waiting for the next DRAM
access (
RAS down mode), or is driven high again
(
RAS up mode). The setting of this bit is valid only
when the BE bit is set to 1.
If this bit is cleared to 0 when set to 1 in the
RAS
down state, the
RAS down state is cleared at that
point, and
RAS goes high.
When continuous synchronous DRAM space is
set, reading from and writing to this bit is enabled.
However, the setting does not affect the operation.
0:
RAS up mode selected for DRAM space access
1:
RAS down mode selected for DRAM space
access
5
DDS
0
R/W
DMAC Single Address Transfer Option
Selects whether full access is always performed or
burst access is enabled when DMAC single
address transfer is performed on the
DRAM/synchronous DRAM.
When the BE bit is cleared to 0 in DRAMCR,
disabling DRAM/synchronous DRAM burst
access, DMAC single address transfer is
performed in full access mode regardless of the
setting of this bit.
This bit has no effect on other bus master external
accesses or DMAC dual address transfers.
0: Full access is always executed
1: Burst access is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com