Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 210Page - Renesas Technology Corp H8S/2426 Datasheet HTML 211Page - Renesas Technology Corp H8S/2426 Datasheet HTML 212Page - Renesas Technology Corp H8S/2426 Datasheet HTML 213Page - Renesas Technology Corp H8S/2426 Datasheet HTML 214Page - Renesas Technology Corp H8S/2426 Datasheet HTML 215Page - Renesas Technology Corp H8S/2426 Datasheet HTML 216Page - Renesas Technology Corp H8S/2426 Datasheet HTML 217Page - Renesas Technology Corp H8S/2426 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 186 of 1270
REJ09B0466-0100
(3) Areas 2 to 5
In externally expanded mode, areas 2 to 5 are all external address space.
When area 2 to 5 external space is accessed, signals
CS2 to CS5 can be output.
The basic bus interface, DRAM interface, or synchronous DRAM interface can be selected for the
memory interface of areas 2 to 5. With the DRAM interface, signals
CS2 and CS5 are used as
RAS signals.
If areas 2 to 5 are designated as continuous DRAM space, large-capacity (e.g. 64-Mbit) DRAM
can be connected. In this case, the
CS2 signal is used as the RAS signal for the continuous DRAM
space.
If areas 2 to 5 are designated as continuous synchronous DRAM space, large-capacity (e.g. 64-
Mbit) synchronous DRAM can be connected. In this case, the
CS2, CS3, CS4, and CS5 pins are
used as the
RAS, CAS, WE, and CLK signals for the continuous synchronous DRAM space. The
OE pin is used as the CKE signal.
(4) Area 6
In externally expanded mode, all of area 6 is external space.
When area 6 external space is accessed, the
CS6 signal can be output.
Either the basic bus interface or address/data multiplexed I/O interface can be used for the
memory interface of area 6.
(5) Area 7
Area 7 includes the on-chip RAM and internal/O registers. In externally expanded mode, the space
excluding the on-chip RAM and internal I/O registers is external address space. The on-chip RAM
is enabled when the RAME bit is set to 1 in the system control register (SYSCR); when the
RAME bit is cleared to 0, the on-chip RAM is disabled and the corresponding addresses are in
external address space.
When area 7 external address space is accessed, the
CS7 signal can be output.
Either the basic bus interface or address/data multiplexed I/O interface can be used for the
memory interface of area 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com