Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 226 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 222Page - Renesas Technology Corp H8S/2426 Datasheet HTML 223Page - Renesas Technology Corp H8S/2426 Datasheet HTML 224Page - Renesas Technology Corp H8S/2426 Datasheet HTML 225Page - Renesas Technology Corp H8S/2426 Datasheet HTML 226Page - Renesas Technology Corp H8S/2426 Datasheet HTML 227Page - Renesas Technology Corp H8S/2426 Datasheet HTML 228Page - Renesas Technology Corp H8S/2426 Datasheet HTML 229Page - Renesas Technology Corp H8S/2426 Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 198 of 1270
REJ09B0466-0100
6.5.4
Wait Control
When accessing external space, this LSI can extend the bus cycle by inserting one or more wait
states (T
w). There are two ways of inserting wait states: program wait insertion and pin wait
insertion using the
WAIT pin.
(1) Program Wait Insertion
From 0 to 7 wait states can be inserted automatically between the T
2 state and T3 state on an
individual area basis in 3-state access space, according to the settings in WTCRA and WTCRB.
(2) Pin Wait Insertion
Setting the WAITE bit to 1 in BCR enables wait input by means of the
WAIT pin. When external
space is accessed in this state, a program wait is first inserted in accordance with the settings in
WTCRA and WTCRB. If the
WAIT pin is low at the falling edge of φ in the last T
2 or Tw state,
another T
w state is inserted. If the WAIT pin is held low, Tw states are inserted until it goes high.
This is useful when inserting seven or more T
w states, or when changing the number of Tw states to
be inserted for different external devices. The WAITE bit setting applies to all areas. Figure 6.18
shows an example of wait state insertion timing.
The settings after a reset are: 3-state access, insertion of 7 program wait states, and
WAIT input
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com