Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 227Page - Renesas Technology Corp H8S/2426 Datasheet HTML 228Page - Renesas Technology Corp H8S/2426 Datasheet HTML 229Page - Renesas Technology Corp H8S/2426 Datasheet HTML 230Page - Renesas Technology Corp H8S/2426 Datasheet HTML 231Page - Renesas Technology Corp H8S/2426 Datasheet HTML 232Page - Renesas Technology Corp H8S/2426 Datasheet HTML 233Page - Renesas Technology Corp H8S/2426 Datasheet HTML 234Page - Renesas Technology Corp H8S/2426 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 203 of 1270
REJ09B0466-0100
6.6.3
Data Bus
The bus width of the address/data multiplexed I/O space can be specified for either 8-bit access
space or 16-bit access space by the ABW7 and ABW6 bits in ABWCRA. For the 8-bit access
space, D15 to D8 are valid for both address and data. For the 16-bit access space, D15 to D0 are
valid for both address and data. If the address/data multiplexed I/O space is accessed, the
corresponding address will be output to the address bus. For details on access size and data
alignment, see section 6.5.1, Data Size and Data Alignment.
6.6.4
Address Hold Signal
In the address/data multiplexed I/O space, a hold signal (
AH) that indicates the timing for latching
the address is output. The
AH output pin is multiplexed with the AS output pin. When the external
address space is specified as the address/data multiplexed I/O space, the multiplexed pin functions
as the
AH output pin. Note however that the multiplexed pin will function as the AS output pin
until the address/data multiplexed I/O space is specified.
6.6.5
Basic Timing
The bus cycle in the address/data multiplexed I/O interface consists of an address cycle and a data
cycle. The data cycle is based on the basic bus interface timing specified by ABWCR, ASTCR,
WTCRAH, RDNCR, and CSACR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com