Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 255Page - Renesas Technology Corp H8S/2426 Datasheet HTML 256Page - Renesas Technology Corp H8S/2426 Datasheet HTML 257Page - Renesas Technology Corp H8S/2426 Datasheet HTML 258Page - Renesas Technology Corp H8S/2426 Datasheet HTML 259Page - Renesas Technology Corp H8S/2426 Datasheet HTML 260Page - Renesas Technology Corp H8S/2426 Datasheet HTML 261Page - Renesas Technology Corp H8S/2426 Datasheet HTML 262Page - Renesas Technology Corp H8S/2426 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 231 of 1270
REJ09B0466-0100
Tp
Tr
Tc1
Tc2
Tc3
Tc1
Tc2
Tc3
RASn (CSn)
Read
Write
UCAS, LCAS
WE (HWR)
OE (RD)
Data bus
WE (HWR)
OE (RD)
Data bus
Address bus
φ
Note: n = 2 to 5
Row address
Column address 1
Column address 2
High
High
Figure 6.43 Operation Timing in Fast Page Mode
(RAST = 0, CAST = 1)
The bus cycle can also be extended in burst access by inserting wait states. The wait state insertion
method and timing are the same as for full access. For details see section 6.7.9, Wait Control.
(2) RAS Down Mode and RAS Up Mode
Even when burst operation is selected, it may happen that access to DRAM space is not
continuous, but is interrupted by access to another space. In this case, if the
RAS signal is held low
during the access to the other space, burst operation can be resumed when the same row address in
DRAM space is accessed again.
• RAS Down Mode
To select RAS down mode, set both the RCDM bit and the BE bit to 1 in DRAMCR. If access
to DRAM space is interrupted and another space is accessed, the
RAS signal is held low
during the access to the other space, and burst access is performed when the row address of the
next DRAM space access is the same as the row address of the previous DRAM space access.
Figure 6.44 shows an example of the timing in RAS down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com