Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 268Page - Renesas Technology Corp H8S/2426 Datasheet HTML 269Page - Renesas Technology Corp H8S/2426 Datasheet HTML 270Page - Renesas Technology Corp H8S/2426 Datasheet HTML 271Page - Renesas Technology Corp H8S/2426 Datasheet HTML 272Page - Renesas Technology Corp H8S/2426 Datasheet HTML 273Page - Renesas Technology Corp H8S/2426 Datasheet HTML 274Page - Renesas Technology Corp H8S/2426 Datasheet HTML 275Page - Renesas Technology Corp H8S/2426 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 244 of 1270
REJ09B0466-0100
Commands that are supported by this LSI are NOP, auto-refresh (REF), self-refresh (SELF), all
bank precharge (PALL), row address strobe bank-active (ACTV), read (READ), write (WRIT),
and mode-register write (MRS). Commands for bank control cannot be used.
6.8.2
Address Multiplexing
With continuous synchronous DRAM space, the row address and column address are multiplexed.
In address multiplexing, the size of the shift of the row address is selected with bits MXC2 to
MXC0 in DRAMCR. The address-precharge-setting command (Precharge-sel) can be output on
the upper column address. Table 6.9 shows the relation between the settings of MXC2 to MXC0
and the shift size. The MXC2 bit should be set to 1 when the synchronous DRAM interface is
used.
Table 6.9
Relation between Settings of Bits MXC2 to MXC0 and Address Multiplexing
DRAMCR
Address Pins
MXC2
MXC1
MXC0
Shift
Size
A23 to
A16
A15 A14 A13 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
×
×
Reserved (setting prohibited)
0
8
bits
A23 to
A16
A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
A9
A8
0
1
9
bits
A23 to
A16
A15 A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
A9
0
10
bits
A23 to
A16
A15 A14 A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11 A10
Row
address
1
1
1
11
bits
A23 to
A16
A15 A14 A13 A23 A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12 A11
0
×
×
Reserved (setting prohibited)
0
A23 to
A16
P
P
P
P
P
P
P
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
1
A23 to
A16
P
P
P
P
P
P
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
A23 to
A16
P
P
P
P
P
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Column
address
1
1
1
A23 to
A16
P
P
P
P
A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Legend:
×: Don’t care.
P: Precharge-sel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com