Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # H8S/2426
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 286Page - Renesas Technology Corp H8S/2426 Datasheet HTML 287Page - Renesas Technology Corp H8S/2426 Datasheet HTML 288Page - Renesas Technology Corp H8S/2426 Datasheet HTML 289Page - Renesas Technology Corp H8S/2426 Datasheet HTML 290Page - Renesas Technology Corp H8S/2426 Datasheet HTML 291Page - Renesas Technology Corp H8S/2426 Datasheet HTML 292Page - Renesas Technology Corp H8S/2426 Datasheet HTML 293Page - Renesas Technology Corp H8S/2426 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 262 of 1270
REJ09B0466-0100
(1) Auto Refreshing
To select auto refreshing, set the RFSHE bit to 1 in REFCR.
With auto refreshing, RTCNT counts up using the input clock selected by bits RTCK2 to RTCK0
in REFCR, and when the count matches the value set in RTCOR (compare match), refresh control
is performed. At the same time, RTCNT is reset and starts counting up again from H'00.
Refreshing is thus repeated at fixed intervals determined by RTCOR and bits RTCK2 to RTCK0.
Set a value in RTCOR and bits RTCK2 to RTCK0 that will meet the refreshing interval
specification for the synchronous DRAM used.
When bits RTCK2 to RTCK0 are set, RTCNT starts counting up. RTCNT and RTCOR settings
should therefore be completed before setting bits RTCK2 to RTCK0. Auto refresh timing is shown
in figure 6.66.
Since the refresh counter operation is the same as the operation in the DRAM interface, see
section 6.7.12, Refresh Control.
When the continuous synchronous DRAM space is set, access to external address space other than
continuous synchronous DRAM space cannot be performed in parallel during the auto refresh
period, since the setting of the CBRM bit of REFCR is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com