Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 341Page - Renesas Technology Corp SH7052 Datasheet HTML 342Page - Renesas Technology Corp SH7052 Datasheet HTML 343Page - Renesas Technology Corp SH7052 Datasheet HTML 344Page - Renesas Technology Corp SH7052 Datasheet HTML 345Page - Renesas Technology Corp SH7052 Datasheet HTML 346Page - Renesas Technology Corp SH7052 Datasheet HTML 347Page - Renesas Technology Corp SH7052 Datasheet HTML 348Page - Renesas Technology Corp SH7052 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 919 page
background image
319
Free-Running Counter 10AH, AL (TCNT10AH, TCNT10AL): Free-running counter 10AH,
AL (comprising TCNT10AH and TCNT10AL) is a 32-bit readable/writable register that counts on
an input clock and is cleared by input capture input (TI10) (AGCK).
Bit:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
TCNT10A can only be accessed by a longword read or write. Word reads or writes cannot be
used.
TCNT10A is initialized to H'00000001 by a power-on reset, and in hardware standby mode and
software standby mode.
Event Counter 10B (TCNT10B): Event counter 10B (TCNT10B) is an 8-bit readable/writable
register that counts on external clock input (TI10) (AGCK). For this operation, TI10 input must be
set with bits CKEG1 and CKEG0 in TCR10. TI10 input will be counted even if halting of the
count operation is specified by bit STR10 in TSTR1.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TCNT10B can only be accessed by a byte read or write.
TCNT10B is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com