Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 344Page - Renesas Technology Corp SH7052 Datasheet HTML 345Page - Renesas Technology Corp SH7052 Datasheet HTML 346Page - Renesas Technology Corp SH7052 Datasheet HTML 347Page - Renesas Technology Corp SH7052 Datasheet HTML 348Page - Renesas Technology Corp SH7052 Datasheet HTML 349Page - Renesas Technology Corp SH7052 Datasheet HTML 350Page - Renesas Technology Corp SH7052 Datasheet HTML 351Page - Renesas Technology Corp SH7052 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 919 page
background image
322
Free-Running Counter 10G (TCNT10G): Free-running counter 10G (TCNT10G) is a 16-bit
readable/writable register that counts up on the multiplied clock (AGCK1). TCNT10G is
initialized to H'0000 by input from external input (TI10) (AGCK).
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
TCNT10G can only be accessed by a word read or write.
TCNT10G is initialized to H'0000 by a power-on reset, and in hardware standby mode and
software standby mode.
Registers
There are six registers in channel 10: a 32-bit ICR, 32-bit OCR, 16-bit GR, 16-bit RLD, 16-bit
TCCLR, and 8-bit OCR.
Channel
Abbreviation
Function
10
ICR10AH, AL
32-bit input capture register (initial value H'00000000)
OCR10AH, AL
32-bit output compare register (initial value H'FFFFFFFF)
OCR10B
8-bit output compare register (initial value H'FF)
RLD10C
16-bit reload register (initial value H'0000)
GR10G
16-bit general register (initial value H'FFFF)
TCCLR10
16-bit correction counter clear register (initial value H'0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com