Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 346Page - Renesas Technology Corp SH7052 Datasheet HTML 347Page - Renesas Technology Corp SH7052 Datasheet HTML 348Page - Renesas Technology Corp SH7052 Datasheet HTML 349Page - Renesas Technology Corp SH7052 Datasheet HTML 350Page - Renesas Technology Corp SH7052 Datasheet HTML 351Page - Renesas Technology Corp SH7052 Datasheet HTML 352Page - Renesas Technology Corp SH7052 Datasheet HTML 353Page - Renesas Technology Corp SH7052 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 919 page
background image
324
Output Compare Register 10B (OCR10B): Output compare register 10B (OCR10B) is an 8-bit
readable/writable register that is constantly compared with free-running counter 10B (TCNT10B).
When AGCK is input with both values matching, CMF10B in timer status register 10 (TSR10) is
set to 1.
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
OCR10B is initialized to H'FF by a power-on reset, and in hardware standby mode and software
standby mode.
Reload Register 10C (RLD10C): Reload register 10C (RLD10C) is a 16-bit readable/writable
register. When STR10 in timer start register 1 (TSTR1) is 1 and RLDEN in the timer I/O control
register (TIOR10) is 0, and the value of TCNT10A is captured into input capture register 10A
(ICR10A), the ICR10A capture value is shifted according to the multiplication factor set by bits
PIM1 and PIM0 in TIOR10 before being transferred to RLD10C. The contents of reload register
10C (RLD10C) are loaded when reload counter 10C (TCNT10C) reaches H'0001.
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
RLD10C is initialized to H'0000 by a power-on reset, and in hardware standby mode and software
standby mode.
General Register 10G (GR10G): General register 10G (GR10G) is a 16-bit readable/writable
register with an output compare function. Function switching is performed by means of timer I/O
control register 10 (TIOR10). The GR10G value and free-running counter 10G (TCNT10G) value
are constantly compared, and when AGCK is input with both values matching, CMF10G in timer
status register 10 (TSR10) is set to 1.
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
GR10G is initialized to H'FFFF by a power-on reset, and in hardware standby mode and software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com