Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 366Page - Renesas Technology Corp SH7052 Datasheet HTML 367Page - Renesas Technology Corp SH7052 Datasheet HTML 368Page - Renesas Technology Corp SH7052 Datasheet HTML 369Page - Renesas Technology Corp SH7052 Datasheet HTML 370Page - Renesas Technology Corp SH7052 Datasheet HTML 371Page - Renesas Technology Corp SH7052 Datasheet HTML 372Page - Renesas Technology Corp SH7052 Datasheet HTML 373Page - Renesas Technology Corp SH7052 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 919 page
background image
344
Pø
DSTR
DST8A
DCNT
Clock
TO8A
DCNT8A
TSR8
Synchronized with down-counter clock
Cleared by software
0000
0001
0002
0003
0004
0005
Figure 10.17 One-Shot Pulse Output Operation
10.3.6
Offset One-Shot Pulse Function and Output Cutoff Function
By making an appropriate setting in the timer connection register (TCNR), down-counting by
channel 8 down-counters (DCNT8A to DCNT8P) can be started using compare-match signals
from channel 1 general registers (GR1A to GR1H) or channel 1 and 2 compare-match registers
(OCR1, OCR2A to OCR2H). DCNT8A to DCNT8H are connected to channel 1 OCR1 or GR1A
to GR1H, and DCNT8I to DCNT8P are connected to channel 2 OCR2A to OCR2H or GR2A to
GR2H. This enables one-shot pulse output from the external pin (TO8A to TO8P) corresponding
to DCNT. The down-count can be forcibly stopped by making a setting in the one-shot pulse
terminate register (OTR). On channel 1, down-count start or termination by a GR or OCR
compare-match can be selected with the trigger mode register (TRGMDR).
Making a setting in the timer start register (TSTR) starts an up-count by a free-running counter
(TCNT) in channel 1 or 2. When TCNT matches GR or OCR while connection is enabled by
TCNR, the corresponding DSTR is automatically set and DCNT starts counting down. At the
same time, 1 is output from the corresponding external pin (TO8A to TO8P). By making the
appropriate setting in the interrupt enable register (TIER), an interrupt request can be sent to the
CPU.
When TCNT1 matches GR or OCR, or TCNT2 matches GR, while channel 8 one-shot pulse
termination by a channel 1 or 2 compare-match signal is enabled by OTR, the corresponding
DSTR is automatically cleared and DCNT stops counting down. DCNT is cleared to H'0000 at
this time, and must be rewritten before the down-count is restarted.
DCNT8I to DCNT8P are connected to the reload register (RLDR8), and when the DSTR
corresponding to DCNT8I to DCNT8P is set, the DCNT8I to DCNT8P counter loads RLDR8
before starting the down-count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com