Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 369Page - Renesas Technology Corp SH7052 Datasheet HTML 370Page - Renesas Technology Corp SH7052 Datasheet HTML 371Page - Renesas Technology Corp SH7052 Datasheet HTML 372Page - Renesas Technology Corp SH7052 Datasheet HTML 373Page - Renesas Technology Corp SH7052 Datasheet HTML 374Page - Renesas Technology Corp SH7052 Datasheet HTML 375Page - Renesas Technology Corp SH7052 Datasheet HTML 376Page - Renesas Technology Corp SH7052 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 919 page
background image
347
Pø
TCNT1A
Clock
TCNT1A
OSBR1
567A
Edge detection signal
(from channel 0)
567E
567D
567C
567B
567A
5679
5678
0005
0004
0003
0002
0001
0000
0003
Figure 10.20 Twin-Capture Operation
10.3.9
PWM Timer Function
Channels 6 and 7 can be used unconditionally as PWM timers using external pins (TO6A to
TO6D, TO7A to TO7D).
In channels 6 and 7, when the corresponding bit is set in the timer start register (TSTR) and the
free-running counter (TCNT) is started, the counter counts up until its value matches the
corresponding cycle register (CYLR). When TCNT matches CYLR, it is cleared to H'0001 and
starts counting up again from that value. At this time, 1 is output from the corresponding external
pin. An interrupt request can be sent to the CPU by setting the corresponding bit in the timer
interrupt enable register (TIER). If a value has been set in the duty register (DTR), when TCNT
matches DTR, 0 is output to the corresponding external pin. If the DTR value is H'0000, the
output does not change (0% duty). A duty of 100% is specified by setting DTR = CYLR. Do not
set a value in DTR that will result in the condition DTR > CYLR.
Channels 6 and 7 have buffers (BFR); the BFR value is transferred to DTR when TCNT matches
CYLR. The duty value written into BFR is reflected in the output value in the cycle following that
in which BFR is written to.
An example of PWM timer operation is shown in figure 10.21.
In the example in figure 10.21, H'0004 is set in channel 6 CYLR6A, and H'0002, H'0000 (0%),
H'0004 (100%), and H'0001 in BFR6A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com