Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 372Page - Renesas Technology Corp SH7052 Datasheet HTML 373Page - Renesas Technology Corp SH7052 Datasheet HTML 374Page - Renesas Technology Corp SH7052 Datasheet HTML 375Page - Renesas Technology Corp SH7052 Datasheet HTML 376Page - Renesas Technology Corp SH7052 Datasheet HTML 377Page - Renesas Technology Corp SH7052 Datasheet HTML 378Page - Renesas Technology Corp SH7052 Datasheet HTML 379Page - Renesas Technology Corp SH7052 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 919 page
background image
350
after setting H'FFFF in the cycle register, the cycle register’s compare-match flag and overflow
flag will be set simultaneously.
Note that 0% or 100% duty output is not possible in channel 3 to 5 PWM mode.
An example of channel 3 to 5 PWM mode operation is shown in figure 10.23.
In the example in figure 10.23, H'F0008 is set in GR3D, H'0002 is set in GR3A, GR3B, and
GR3C, and channel 3 is activated; then, during operation, H'0000 is set in GR3A, GR3B, and
GR3C, and output is performed to external pins TIOA3 to TIOC3. Note that 0% duty output is not
possible even though H'0000 is set.
Pø
TCNT3
Clock
TCNT3
GR3D
GR3A–3C
(pulse width)
TSR3
TIO3A–
TIO3C
0000
Cleared by software
0005
0004
0003
0002
0001
0000
0008
0007
0003
0002
0008
0000
0001
0002
0008
0008
Cleared by software
Rewritten by software
Figure 10.23 Channel 3 to 5 PWM Mode Operation
10.3.11
Event Count Function and Event Cycle Measurement
Channel 9 has six 8-bit event counters (ECNT9A to ECNT9F) and corresponding general registers
(GR9A to GR9F). Each event counter has an external pin (TI9A to TI9F).
Each ECNT9 operates unconditionally as an event counter. When an edge is input from the
external pin, ECNT9 is incremented. When ECNT9 matches the value set in GR9, it is cleared,
and then counts up when an edge is again input at the external pin. By making the appropriate
setting in the interrupt enable register (TIER) beforehand, an interrupt request can be sent to the
CPU on compare-match.
For ECNT9A to ECNT9D, a trigger can be transmitted to channel 3 when a compare-match
occurs. In channel 3, if the channel 9 trigger input is set in the timer I/O control register (TIOR)
and the corresponding bit is set to 1 in the timer start register (TSTR), the TCNT3 value is
captured in the corresponding general register (GR3A to GR3D) when an ECNT9A to ECNT9D
compare-match occurs. This enables the event cycle to be measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com