Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 374Page - Renesas Technology Corp SH7052 Datasheet HTML 375Page - Renesas Technology Corp SH7052 Datasheet HTML 376Page - Renesas Technology Corp SH7052 Datasheet HTML 377Page - Renesas Technology Corp SH7052 Datasheet HTML 378Page - Renesas Technology Corp SH7052 Datasheet HTML 379Page - Renesas Technology Corp SH7052 Datasheet HTML 380Page - Renesas Technology Corp SH7052 Datasheet HTML 381Page - Renesas Technology Corp SH7052 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 919 page
background image
352
10.3.12
Channel 10 Functions
Inter-Edge Measurement Function and Edge Input Cessation Detection Function:32-bit input
capture register 10A (ICR10A) and 32-bit output compare register 10A (OCR10A) in channel 10
unconditionally perform input capture and compare-match operations, respectively. These
registers are connected to 32-bit free-running counter TCNT10A.
When the corresponding bit is set in the timer start register (TSTR), the entire channel 10 starts
operating. ICR10A has an external input pin (TI10), and when an edge is input at this input pin,
ICR10A captures the TCNT10A value. At this time, TCNT10A is cleared to H'00000001. The
captured value is transferred to the read register (RLD10C) in the multiplied clock generation
block. By making the appropriate setting in the interrupt enable register (TIER), an interrupt
request can be sent to the CPU. This allows inter-edge measurement to be carried out.
When TCNT10A reaches the value set in OCR10A, a compare-match interrupt can be requested.
In this way it is possible to detect the cessation of edge input beyond the time set in OCR10A.
The input edge from TI10 is synchronized internally; the internal signal is AGCK. Noise
cancellation is possible for edges input at TI10 using the timer 10H (TCNT10H) input cancellation
function by setting the NCE bit in timer control register TCR10. When an edge is input at TI10,
TCNT10H starts and input is disabled until it reaches compare-match register NCR10.
Edge input operation without noise cancellation is shown in figure 10.26, edge input operation
with noise cancellation in figure 10.27, and TCNT10A capture operation and compare-match
operation in figure 10.28.
Pø
TI10
AGCK
After internal
synchronization 1
After internal
synchronization 2
AGCK operation
TCNT clock
When falling
edge is set
When rising
edge is set
When rising and falling
edges are set
Figure 10.26 Edge Input Operation (Without Noise Cancellation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com