Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 371Page - Renesas Technology Corp SH7052 Datasheet HTML 372Page - Renesas Technology Corp SH7052 Datasheet HTML 373Page - Renesas Technology Corp SH7052 Datasheet HTML 374Page - Renesas Technology Corp SH7052 Datasheet HTML 375Page - Renesas Technology Corp SH7052 Datasheet HTML 376Page - Renesas Technology Corp SH7052 Datasheet HTML 377Page - Renesas Technology Corp SH7052 Datasheet HTML 378Page - Renesas Technology Corp SH7052 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 919 page
background image
349
Pø
Cycle
Cycle
Cycle
Duty = 100%
Cycle
Duty = 0%
Cycle
Data = 0003
Data = 0004
Data = 0000
Up
Up
Up
Up
Up
Down
Down
Down
Down
Down
No PWM output for 1
cycle after activation
TST6A
TCNT6A
Clock
TCNT6A
up-/down-
count
TCNT6A
CYLR6A
Write to
BFR6A
BFR6A
DTR6A
TO6A
TSR6
00
01
00
02
00
03
00
04
00
03
00
02
00
01
00
00
00
01
00
02
00
03
00
04
00
03
00
02
00
01
00
00
00
01
00
02
00
03
00
04
00
03
00
02
00
01
00
00
00
01
00
02
00
03
00
04
00
03
00
02
00
01
00
01
00
00
00
01
00
02
00
03
00
04
00
03
00
02
0004
0002
0002
0003
0003
0004
0004
0000
0000
Cleared by software
Cleared by software
Cleared by software
Figure 10.22 Complementary PWM Mode Operation
10.3.10
Channel 3 to 5 PWM Function
PWM mode is selected for channels 3 to 5 by setting the corresponding bits to 1 in the timer mode
register (TMDR), enabling the channels to operate as PWM timers with the same cycle.
In PWM mode, general registers D (GR3D, GR4D, GR5D) are used as cycle registers, and general
registers A to C (GR3A to GR3C, GR4A to GR4C, GR5A to GR5C) as duty registers. The
external pins (TIO3A to TIO3C, TIO4A to TIO4C, TIO5A to TIO5C) corresponding to the GRs
used as duty registers are used as PWM outputs. External pins TIO3D, TIO4D, and TIO5D should
not be used as timer outputs.
The free-running counter (TCNT) is started by making a setting in the timer start register (TSTR),
and when TCNT reaches the cycle register (GR3D, GR4D, GR5D) value, a compare-match is
generated and TCNT starts counting up again from H'0000. At the same time, the corresponding
bit is set in the timer status register (TSR) and 1 is output from the corresponding external pin.
When TCNT reaches the duty register (GR3A to GR3C, GR4A to GR4C, GR5A to GR5C) value,
0 is output to the external pin. The corresponding status flag is not set. When PWM operation is
performed by starting the free-running counter from its initial value of H'0000, PWM output is not
performed for one cycle. To perform immediate PWM output, the value in the cycle register must
be set in the free-running counter before the counter is started. If PWM operation is performed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com