Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 386Page - Renesas Technology Corp SH7052 Datasheet HTML 387Page - Renesas Technology Corp SH7052 Datasheet HTML 388Page - Renesas Technology Corp SH7052 Datasheet HTML 389Page - Renesas Technology Corp SH7052 Datasheet HTML 390Page - Renesas Technology Corp SH7052 Datasheet HTML 391Page - Renesas Technology Corp SH7052 Datasheet HTML 392Page - Renesas Technology Corp SH7052 Datasheet HTML 393Page - Renesas Technology Corp SH7052 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 919 page
background image
364
Timing of IIF Setting by Interval Timer: When 1 is generated by ANDing the rise of bit 10 to
13 in free-running counter TCNT0L with bit ITVE0 to ITVE3 in the interval interrupt request
register (ITVRR), the IIF bit is set to 1 in the timer status register (TSR).
The timing in this case is shown in figure 10.41. TCNT0 value N in the figure is the counter value
when TCNT0L bit 6 to 13 changes to 1. (For example, N = H'00000400 in the case of bit 10,
H'00000800 in the case of bit 11, etc.)
CK
TCNT0
TCNT input clock
Internal interval signal
Interrupt status flag
IIF
Interrupt request signal
N – 1
N
Figure 10.41 Timing of IIF Setting Timing by Interval Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com