Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 389Page - Renesas Technology Corp SH7052 Datasheet HTML 390Page - Renesas Technology Corp SH7052 Datasheet HTML 391Page - Renesas Technology Corp SH7052 Datasheet HTML 392Page - Renesas Technology Corp SH7052 Datasheet HTML 393Page - Renesas Technology Corp SH7052 Datasheet HTML 394Page - Renesas Technology Corp SH7052 Datasheet HTML 395Page - Renesas Technology Corp SH7052 Datasheet HTML 396Page - Renesas Technology Corp SH7052 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 919 page
background image
367
10.5
CPU Interface
10.5.1
Registers Requiring 32-Bit Access
Free-running counters 0 and 10A (TCNT0, TCNT10A), input capture registers 0A to 0D and 10A
(ICR0A to ICR0D, ICR10A), and output compare register 10A (OCR10A) are 32-bit registers. As
these registers are connected to the CPU via an internal 16-bit data bus, a read or write (read only,
in the case of ICR0A to ICR0D and ICR10A) is automatically divided into two 16-bit accesses.
Figure 10.44 shows a read from TCNT0, and figure 10.45 a write to TCNT0.
When reading TCNT0, in the first read the TCNT0H (upper 16-bit) value is output to the internal
data bus, and at the same time, the TCNT0L (lower 16-bit) value is output to an internal buffer
register. Then, in the second read, the TCNT0L (lower 16-bit) value held in the internal buffer
register is output to the internal data bus.
When writing to TCNT0, in the first write the upper 16 bits are output to an internal buffer
register. Then, in the second write, the lower 16 bits are output to TCNT0L, and at the same time,
the upper 16 bits held in the internal buffer register are output to TCNT0H to complete the write.
The above method performs simultaneous reading and simultaneous writing of 32-bit data,
preventing contention with an up-count.
1st read operation
2nd read operation
CPU
CPU
Internal data bus
HH
Internal data bus
L
L
L
Bus
interface
Internal
buffer register
TCNT0H
TCNT0L
TCNT0H
TCNT0L
Module data bus
Bus
interface
Internal
buffer register
Module data
bus
Module data
bus
Figure 10.44 Read from TCNT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com