Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 392Page - Renesas Technology Corp SH7052 Datasheet HTML 393Page - Renesas Technology Corp SH7052 Datasheet HTML 394Page - Renesas Technology Corp SH7052 Datasheet HTML 395Page - Renesas Technology Corp SH7052 Datasheet HTML 396Page - Renesas Technology Corp SH7052 Datasheet HTML 397Page - Renesas Technology Corp SH7052 Datasheet HTML 398Page - Renesas Technology Corp SH7052 Datasheet HTML 399Page - Renesas Technology Corp SH7052 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 919 page
background image
370
1st write operation
2nd write operation
CPU
Internal data bus
H
H
L
Bus
interface
TSTR2
TSTR1
TSTR3
TSTR2
TSTR1
TSTR3
Module data
bus
CPU
Internal data bus
L
Bus
interface
Module data bus
Figure 10.47 Write to TSTR1, TSTR2 and TSTR3
10.5.3
Registers Requiring 16-Bit Access
The free-running counters (TCNT; but excluding TCNT0, TCNT10A, TCNT10B, TCNT10D, and
TCNT10H), the general registers (GR; but excluding GR9A to GR9D), down-counters (DCNT),
offset base register (OSBR), cycle registers (CYLR), buffer registers (BFR), duty registers (DTR),
timer connection register (TCNR), one-shot pulse terminate register (OTR), down-count start
register (DSTR), output compare registers (OCR: but excluding OCR10B), reload registers
(RLDR8, RLD10C), correction counter clear register (TCCLR10), timer interrupt enable register
(TIER), and timer status register (TSR) are 16-bit registers. These registers are connected to the
CPU via an internal 16-bit data bus, and can be read or written (read only, in the case of OSBR) a
word at a time.
Figure 10.48 shows the operation when performing a word read or write access to TCNT1A.
CPU
Internal data bus
TCNT1A
Module data bus
Bus
interface
Figure 10.48 TCNT1A Read/Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com