Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 419Page - Renesas Technology Corp SH7052 Datasheet HTML 420Page - Renesas Technology Corp SH7052 Datasheet HTML 421Page - Renesas Technology Corp SH7052 Datasheet HTML 422Page - Renesas Technology Corp SH7052 Datasheet HTML 423Page - Renesas Technology Corp SH7052 Datasheet HTML 424Page - Renesas Technology Corp SH7052 Datasheet HTML 425Page - Renesas Technology Corp SH7052 Datasheet HTML 426Page - Renesas Technology Corp SH7052 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 919 page
background image
397
Timing of Prescaler Register (PSCR), Timer Control Register (TCR), and Timer Mode
Register (TMDR) Setting: Settings in the prescaler register (PSCR), timer control register (TCR),
and timer mode register (TMDR) should be made before the counter is started. Operation is not
guaranteed if these registers are modified while the counter is running.
Also, the counter must not be started until Pø has been input 32 times after setting PSCR1 to
PSCR4.
Interrupt Status Flag Clearing Procedure: When an interrupt status flag is cleared to 0 by the
CPU, it must first be read before 0 is written to it. Correct operation cannot be guaranteed if 0 is
written without first reading the flag.
Setting H'0000 in Free-Running Counters 6A to 6D, 7A to 7D (TCNT6A to TCNT6D,
TCNT7A to TCNT7D): If H'0000 is written to a channel 6 and 7 free-running counter (TCNT6A
to TCNT6D, TCNT7A to TCNT7D), and the counter is started, the interval up to the first
compare-match with the cycle register (CYLR) and duty register (DTR) will be a maximum of one
TCNT input clock cycle longer than the set value. With subsequent compare-matches, the correct
waveform will be output for the CYLR and DTR values.
Register Values when a Free-Running Counter (TCNT) Halts: If the timer start register
(TSTR) value is set to 0 during counter operation, only incrementing of the corresponding free-
running counter (TCNT) is stopped, and neither the free-running counter (TCNT) nor any other
ATU registers are initialized. The external output value at the time TSTR is cleared to 0 will
continue to be output.
TCNT0 Writing and Interval Timer Operation: If the CPU program writes 1 to a bit in free-
running counter 0 (TCNT0) corresponding to a bit set to 1 in the interval interrupt request register
(ITVRR) when that TCNT0 bit is 0, TCNT0 bit 6, 7, 8, 9, 10, 11, 12, or 13 will be detected as
having changed from 0 to 1, and an interrupt request will be sent to INTC and A/D sampling will
be started. While the count is halted with the STR0 bit cleared to 0 in timer start register 1
(TSTR1), the bit transition from 0 to 1 will still be detected.
Automatic TSR Clearing by DMAC Activation by the ATU: Automatic clearing of TSR is
performed after completion of the transfer when the DMAC is in burst mode, and each time the
DMAC returns the bus in cycle steal mode.
Interrupt Status Flag Setting/Resetting: With TSR, a 0 write to a bit is possible even if
overlapping events occur for the same bit before writing 0 after reading 1 to clear that bit. (The
duplicate events are not accepted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com