Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 420Page - Renesas Technology Corp SH7052 Datasheet HTML 421Page - Renesas Technology Corp SH7052 Datasheet HTML 422Page - Renesas Technology Corp SH7052 Datasheet HTML 423Page - Renesas Technology Corp SH7052 Datasheet HTML 424Page - Renesas Technology Corp SH7052 Datasheet HTML 425Page - Renesas Technology Corp SH7052 Datasheet HTML 426Page - Renesas Technology Corp SH7052 Datasheet HTML 427Page - Renesas Technology Corp SH7052 Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 919 page
background image
398
External Output Value in Software Standby Mode: In software standby mode, the ATU
register and external output values are cleared to 0. However, while the channel 1, 2, and 11
TIO1A to TIO1H, TIO2A to TIO2H external output values are cleared to 0 immediately after
software standby mode is exited, other external output values and all registers are cleared to 0
immediately after a transition to software standby mode.
Also, when pin output is inverted by the pin function controller's port B invert register (PBIR) or
port K invert register (PKIR), the corresponding pins are cleared to 1.
CK
Software standby mode
Other external
outputs
TIO1A to 1H,
TIO2A to 2H,
TIO11A, 11B
Figure 10.74 External Output Value Transition Points in Relation to Software Standby
Mode
Contention between TCNT Clearing from Channel 10 and TCNT Overflow: When a channel
1 or 2 free-running counter (TCNT1A, TCNT1B, TCNT2A, TCNT2B) overflows, it is cleared to
H'0000. If a clear signal from the channel 10 correction counter clear register (TCCLR) is input at
the same time, a 1 write to the interrupt status flag (OVF) due to the overflow is still performed in
the same way as for a normal overflow.
Contention between Channel 10 Reload Register Transfer Timing and Write: If there is
contention between a multiplied-output transfer from the input capture register (ICR10A) to the
channel 10 reload register (RLDR10C), and the timing of a CPU write to that register, the CPU
write has priority and the multiplied output is ignored.
Contention between Channel 10 Reload Timing and Write to TCNT10C: If there is contention
between a multiplied-output transfer from the input capture register (ICR10A) to the channel 10
reload register (RLDR10C), and a CPU write to the reload counter (TCNT10C), the CPU write
has priority and the multiplied output is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com