Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 447Page - Renesas Technology Corp SH7052 Datasheet HTML 448Page - Renesas Technology Corp SH7052 Datasheet HTML 449Page - Renesas Technology Corp SH7052 Datasheet HTML 450Page - Renesas Technology Corp SH7052 Datasheet HTML 451Page - Renesas Technology Corp SH7052 Datasheet HTML 452Page - Renesas Technology Corp SH7052 Datasheet HTML 453Page - Renesas Technology Corp SH7052 Datasheet HTML 454Page - Renesas Technology Corp SH7052 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 919 page
background image
425
12.4.4
System Reset by
WDTOVF Signal
If a
WDTOVF signal is input to the RES pin, the chip cannot initialize correctly.
Avoid logical input of the
WDTOVF output signal to the RES input pin. To reset the entire system
with the
WDTOVF signal, use the circuit shown in figure 12.9.
Reset input
Reset signal to
entire system
SH7052F, SH7053F, SH7054F
RES
WDTOVF
Figure 12.9 Example of System Reset Circuit Using
WDTOVF Signal
12.4.5
Internal Reset in Watchdog Timer Mode
If the RSTE bit is cleared to 0 in watchdog timer mode, the chip will not be reset internally when a
TCNT overflow occurs, but TCNT and TCSR in the WDT will be reset.
12.4.6
Manual Reset in Watchdog Timer
When an internal reset is effected by TCNT overflow in watchdog timer mode, the processor waits
until the end of the bus cycle at the time of manual reset generation before making the transition to
manual reset exception processing. Therefore, the bus cycle is retained in a manual reset, but if a
manual reset occurs while the bus is released or during DMAC burst transfer, manual reset
exception processing will be deferred until the CPU acquires the bus. However, if the interval
from generation of the manual reset until the end of the bus cycle is equal to or longer than the
internal manual reset interval of 512 cycles, the internal manual reset source is ignored instead of
being deferred, and manual reset exception processing is not executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com