Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 446Page - Renesas Technology Corp SH7052 Datasheet HTML 447Page - Renesas Technology Corp SH7052 Datasheet HTML 448Page - Renesas Technology Corp SH7052 Datasheet HTML 449Page - Renesas Technology Corp SH7052 Datasheet HTML 450Page - Renesas Technology Corp SH7052 Datasheet HTML 451Page - Renesas Technology Corp SH7052 Datasheet HTML 452Page - Renesas Technology Corp SH7052 Datasheet HTML 453Page - Renesas Technology Corp SH7052 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 919 page
background image
424
12.4
Usage Notes
12.4.1
TCNT Write and Increment Contention
If a timer counter increment clock pulse is generated during the T3 state of a write cycle to TCNT,
the write takes priority and the timer counter is not incremented (figure 12.8).
CK
Address
Internal
write signal
TCNT
input clock
TCNT
NM
TCNT address
Counter write data
T1
T2
T3
TCNT write cycle
Figure 12.8 Contention between TCNT Write and Increment
12.4.2
Changing CKS2 to CKS0 Bit Values
If the values of bits CKS2 to CKS0 in the timer control/status register (TCSR) are rewritten while
the WDT is running, the count may not increment correctly. Always stop the watchdog timer (by
clearing the TME bit to 0) before changing the values of bits CKS2 to CKS0.
12.4.3
Changing between Watchdog Timer/Interval Timer Modes
To prevent incorrect operation, always stop the watchdog timer (by clearing the TME bit to 0)
before switching between interval timer mode and watchdog timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com