Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 442Page - Renesas Technology Corp SH7052 Datasheet HTML 443Page - Renesas Technology Corp SH7052 Datasheet HTML 444Page - Renesas Technology Corp SH7052 Datasheet HTML 445Page - Renesas Technology Corp SH7052 Datasheet HTML 446Page - Renesas Technology Corp SH7052 Datasheet HTML 447Page - Renesas Technology Corp SH7052 Datasheet HTML 448Page - Renesas Technology Corp SH7052 Datasheet HTML 449Page - Renesas Technology Corp SH7052 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 919 page
background image
420
H'A5
H'FFFFEC12
Address:
Writing 0 to the WOVF bit
15
8
7
0
H'00
H'5A
H'FFFFEC12
Address:
Writing to the RSTE and RSTS bits
15
8
7
0
Write data
Figure 12.3 Writing to RSTCSR
Reading from TCNT, TCSR, and RSTCSR: TCNT, TCSR, and RSTCSR are read like other
registers. Use byte transfer instructions. The read addresses are H'FFFFEC10 for TCSR,
H'FFFFEC11 for TCNT, and H'FFFFEC13 for RSTCSR.
12.3
Operation
12.3.1
Watchdog Timer Mode
To use the WDT as a watchdog timer, set the WT/
IT and TME bits of TCSR to 1. Software must
prevent TCNT overflow by rewriting the TCNT value (normally by writing H'00) before overflow
occurs. No TCNT overflows will occur while the system is operating normally, but if TCNT fails
to be rewritten and overflows occur due to a system crash or the like, a
WDTOVF signal is output
externally (figure 12.4). The
WDTOVF signal can be used to reset the system. The WDTOVF
signal is output for 128
φ clock cycles.
If the RSTE bit in the reset control/status register (RSTCSR) is set to 1, a signal that resets the
chip internally will be generated at the same time as the
WDTOVF signal when TCNT overflows.
Either a power-on reset or a manual reset can be selected by the RSTS bit in RSTCSR. The
internal reset signal is output for 512
φ clock cycles.
When a WDT overflow reset is generated simultaneously with a reset input at the
RES pin, the
RES reset takes priority, and the WOVF bit in RSTCSR is cleared to 0.
The following are not initialized by a WDT reset signal:
• PFC (pin function controller) registers
• I/O port registers
These registers are initialized only by an external power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com