Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 438Page - Renesas Technology Corp SH7052 Datasheet HTML 439Page - Renesas Technology Corp SH7052 Datasheet HTML 440Page - Renesas Technology Corp SH7052 Datasheet HTML 441Page - Renesas Technology Corp SH7052 Datasheet HTML 442Page - Renesas Technology Corp SH7052 Datasheet HTML 443Page - Renesas Technology Corp SH7052 Datasheet HTML 444Page - Renesas Technology Corp SH7052 Datasheet HTML 445Page - Renesas Technology Corp SH7052 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 919 page
background image
416
12.2.2
Timer Control/Status Register (TCSR)
The timer control/status register (TCSR) is an 8-bit readable/writable register. (TCSR differs from
other registers in that it is more difficult to write to. See section 12.2.4, Register Access, for
details.) TCSR performs selection of the timer counter (TCNT) input clock and mode.
Bits 7 to 5 are initialized to 000 by a power-on reset, and in hardware standby mode and software
standby mode. Bits 2 to 0 are initialized to 000 by a power-on reset and in hardware standby
mode, but retain their values in software standby mode.
Bit:
7
6
5
4
3
2
1
0
OVF
WT/
IT
TME
—
—
CKS2
CKS1
CKS0
Initial value:
0
0
0
1
1
0
0
0
R/W:
R/(W)*
R/W
R/W
R
R
R/W
R/W
R/W
Note: * The only operation permitted on the OVF bit is a write of 0 after reading 1.
• Bit 7—Overflow Flag (OVF): Indicates that TCNT has overflowed from H'FF to H'00 in
interval timer mode. This flag is not set in the watchdog timer mode.
Bit 7: OVF
Description
0
No overflow of TCNT in interval timer mode
(Initial value)
[Clearing condition]
When 0 is written to OVF after reading OVF
1
TCNT overflow in interval timer mode
• Bit 6—Timer Mode Select (WT/IT): Selects whether to use the WDT as a watchdog timer or
interval timer. When TCNT overflows, the WDT either generates an interval timer interrupt
(ITI) or generates a
WDTOVF signal, depending on the mode selected.
Bit 6: WT/
IT
Description
0
Interval timer mode: interval timer interrupt (ITI) request to the CPU
when TCNT overflows
(Initial value)
1
Watchdog timer mode:
WDTOVF signal output externally when TCNT
overflows. (Section 12.2.3, Reset Control/Status Register (RSTCSR),
describes in detail what happens when TCNT overflows in watchdog
timer mode.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com