Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 437Page - Renesas Technology Corp SH7052 Datasheet HTML 438Page - Renesas Technology Corp SH7052 Datasheet HTML 439Page - Renesas Technology Corp SH7052 Datasheet HTML 440Page - Renesas Technology Corp SH7052 Datasheet HTML 441Page - Renesas Technology Corp SH7052 Datasheet HTML 442Page - Renesas Technology Corp SH7052 Datasheet HTML 443Page - Renesas Technology Corp SH7052 Datasheet HTML 444Page - Renesas Technology Corp SH7052 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 919 page
background image
415
12.1.4
Register Configuration
Table 12.2 summarizes the three WDT registers. They are used to select the clock, switch the
WDT mode, and control the reset signal.
Table 12.2
WDT Registers
Address
Name
Abbreviation
R/W
Initial Value
Write*
1
Read*
2
Timer control/status
register
TCSR
R/(W)*
3
H'18
H'FFFFEC10
H'FFFFEC10
Timer counter
TCNT
R/W
H'00
H'FFFFEC11
Reset control/status
register
RSTCSR
R/(W)*
3
H'1F
H'FFFFEC12
H'FFFFEC13
Notes: 1. Write by word transfer. These registers cannot be written in byte or longword.
2. Read by byte transfer. These registers cannot be read in word or longword.
3. Only 0 can be written to bit 7 to clear the flag.
4. In register access, three cycles are required for both byte access and word access.
12.2
Register Descriptions
12.2.1
Timer Counter (TCNT)
TCNT is an 8-bit readable/writable upcounter. (TCNT differs from other registers in that it is more
difficult to write to. See section 12.2.4, Register Access, for details.) When the timer enable bit
(TME) in the timer control/status register (TCSR) is set to 1, the watchdog timer counter starts
counting pulses of an internal clock selected by clock select bits 2 to 0 (CKS2 to CKS0) in TCSR.
When the value of TCNT overflows (changes from H'FF to H'00), a watchdog timer overflow
signal (
WDTOVF) or interval timer interrupt (ITI) is generated, depending on the mode selected
in the WT/
IT bit of TCSR.
TCNT is initialized to H'00 by a power-on reset, in hardware and software standby modes, and
when the TME bit is cleared to 0.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com