Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 435Page - Renesas Technology Corp SH7052 Datasheet HTML 436Page - Renesas Technology Corp SH7052 Datasheet HTML 437Page - Renesas Technology Corp SH7052 Datasheet HTML 438Page - Renesas Technology Corp SH7052 Datasheet HTML 439Page - Renesas Technology Corp SH7052 Datasheet HTML 440Page - Renesas Technology Corp SH7052 Datasheet HTML 441Page - Renesas Technology Corp SH7052 Datasheet HTML 442Page - Renesas Technology Corp SH7052 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 919 page
background image
413
Section 12 Watchdog Timer (WDT)
12.1
Overview
The watchdog timer (WDT) is a 1-channel timer for monitoring system operations. If a system
encounters a problem (crashes, for example) and the timer counter overflows without being
rewritten correctly by the CPU, an overflow signal (
WDTOVF) is output externally. The WDT
can simultaneously generate an internal reset signal for the entire chip.
When the watchdog function is not needed, the WDT can be used as an interval timer. In the
interval timer operation, an interval timer interrupt is generated at each counter overflow. The
WDT is also used in recovering from standby mode.
12.1.1
Features
The WDT has the following features:
• Works in watchdog timer mode or interval timer mode
• Outputs WDTOVF in watchdog timer mode
When the counter overflows in watchdog timer mode, overflow signal
WDTOVF is output
externally. It is possible to select whether to reset the chip internally when this happens. Either
the power-on reset or manual reset signal can be selected as the internal reset signal.
• Generates interrupts in interval timer mode
When the counter overflows, it generates an interval timer interrupt.
• Clears software standby mode
• Works with eight counter input clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com