Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 441Page - Renesas Technology Corp SH7052 Datasheet HTML 442Page - Renesas Technology Corp SH7052 Datasheet HTML 443Page - Renesas Technology Corp SH7052 Datasheet HTML 444Page - Renesas Technology Corp SH7052 Datasheet HTML 445Page - Renesas Technology Corp SH7052 Datasheet HTML 446Page - Renesas Technology Corp SH7052 Datasheet HTML 447Page - Renesas Technology Corp SH7052 Datasheet HTML 448Page - Renesas Technology Corp SH7052 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 919 page
background image
419
12.2.4
Register Access
The watchdog timer’s TCNT, TCSR, and RSTCSR registers differ from other registers in that they
are more difficult to write to. The procedures for writing and reading these registers are given
below.
Writing to TCNT and TCSR: These registers must be written by a word transfer instruction.
They cannot be written by byte transfer instructions.
TCNT and TCSR both have the same write address. The write data must be contained in the lower
byte of the written word. The upper byte must be H'5A (for TCNT) or H'A5 (for TCSR) (figure
12.2). This transfers the write data from the lower byte to TCNT or TCSR.
H'5A
H'FFFFEC10
Address:
Writing to TCNT
15
8
7
0
Write data
H'A5
H'FFFFEC10
Address:
Writing to TCSR
15
8
7
0
Write data
Figure 12.2 Writing to TCNT and TCSR
Writing to RSTCSR: RSTCSR must be written by a word access to address H'FFFFEC12. It
cannot be written by byte transfer instructions.
Procedures for writing 0 to WOVF (bit 7) and for writing to RSTE (bit 6) and RSTS (bit 5) are
different, as shown in figure 12.3.
To write 0 to the WOVF bit, the write data must be H'A5 in the upper byte and H'00 in the lower
byte. This clears the WOVF bit to 0. The RSTE and RSTS bits are not affected. To write to the
RSTE and RSTS bits, the upper byte must be H'5A and the lower byte must be the write data. The
values of bits 6 and 5 of the lower byte are transferred to the RSTE and RSTS bits, respectively.
The WOVF bit is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com