Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 483Page - Renesas Technology Corp SH7052 Datasheet HTML 484Page - Renesas Technology Corp SH7052 Datasheet HTML 485Page - Renesas Technology Corp SH7052 Datasheet HTML 486Page - Renesas Technology Corp SH7052 Datasheet HTML 487Page - Renesas Technology Corp SH7052 Datasheet HTML 488Page - Renesas Technology Corp SH7052 Datasheet HTML 489Page - Renesas Technology Corp SH7052 Datasheet HTML 490Page - Renesas Technology Corp SH7052 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 919 page
background image
461
Table 14.4
Bit Rates and BRR Settings in Synchronous Mode
P
φφφφ (MHz)
Bit Rate
10
12
16
20
(Bits/s)
n
N
n
N
n
N
n
N
250
——
3
187
3
249
500
——
3
93
3
124
——
1 k
——
2
187
2
249
——
2.5 k
1
249
2
74
2
99
2
124
5 k
1
124
1
149
1
199
2
249
10 k
0
249
1
74
1
99
1
124
25 k
0
99
0
119
0
159
1
199
50 k
0
49
0
59
0
79
0
99
100 k
0
24
0
29
0
39
0
49
250 k
0
9
0
11
0
15
0
19
500 k
0
4
0
5
0
7
0
9
1 M
0
20
30
4
2.5 M
0
0*
0
0*
——
01
5 M
00*
Note:
Settings with an error of 1% or less are recommended.
Legend
Blank: No setting available
—: Setting possible, but error occurs
*: Continuous transmission/reception not possible
Table 14.5 indicates the maximum bit rates in asynchronous mode when the baud rate generator is
being used for various frequencies. Tables 14.6 and 14.7 show the maximum rates for external
clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com