Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 485Page - Renesas Technology Corp SH7052 Datasheet HTML 486Page - Renesas Technology Corp SH7052 Datasheet HTML 487Page - Renesas Technology Corp SH7052 Datasheet HTML 488Page - Renesas Technology Corp SH7052 Datasheet HTML 489Page - Renesas Technology Corp SH7052 Datasheet HTML 490Page - Renesas Technology Corp SH7052 Datasheet HTML 491Page - Renesas Technology Corp SH7052 Datasheet HTML 492Page - Renesas Technology Corp SH7052 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 919 page
background image
463
Table 14.7
Maximum Bit Rates during External Clock Input (Clock Synchronous Mode)
P
φφφφ (MHz)
External Input Clock (MHz)
Maximum Bit Rate (Bits/s)
10
1.6667
1666666.7
12
2.0000
2000000.0
14
2.3333
2333333.3
16
2.6667
2666666.7
18
3.0000
3000000.0
20
3.3333
3333333.3
14.2.9
Serial Direction Control Register (SDCR)
Bit:
7
6
5
4
3
2
1
0
——
——
DIR
——
—
Initial value:
1
1
1
1
0
0
1
0
R/W:
R
R
R
R
R/W
R
R
R
The DIR bit in the serial direction control register (SDCR) selects LSB-first or MSB-first transfer.
With an 8-bit data length, LSB-first/MSB-first selection is available regardless of the
communication mode. With a 7-bit data length, LSB-first transfer must be selected. The
description in this section assumes LSB-first transfer.
SDCR is initialized to H'F2 by a power-on reset and in the hardware standby mode. It is not
initialized by a manual reset, and in software standby mode.
• Bits 7 to 4—Reserved: The write value must always be 1. Operation cannot be guaranteed if 0
is written.
• Bit 3—Data Transfer Direction (DIR): Selects the serial/parallel conversion format. Valid for
an 8-bit transmit/receive format.
Bit 3: DIR
Description
0
TDR contents are transmitted in LSB-first order
(Initial value)
Receive data is stored in RDR in LSB-first order
1
TDR contents are transmitted in MSB-first order
Receive data is stored in RDR in MSB-first order
• Bit 2—Reserved: This bit always reads 0. Operation cannot be guaranteed if 1 is written.
• Bit 1—Reserved: This bit always reads 1, and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com