Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 501 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 497Page - Renesas Technology Corp SH7052 Datasheet HTML 498Page - Renesas Technology Corp SH7052 Datasheet HTML 499Page - Renesas Technology Corp SH7052 Datasheet HTML 500Page - Renesas Technology Corp SH7052 Datasheet HTML 501Page - Renesas Technology Corp SH7052 Datasheet HTML 502Page - Renesas Technology Corp SH7052 Datasheet HTML 503Page - Renesas Technology Corp SH7052 Datasheet HTML 504Page - Renesas Technology Corp SH7052 Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 919 page
background image
475
In receiving, the SCI operates as follows:
1. The SCI monitors the communication line. When it detects a start bit (0), the SCI synchronizes
internally and starts receiving.
2. Receive data is shifted into RSR in order from the LSB to the MSB.
3. The parity bit and stop bit are received. After receiving these bits, the SCI makes the following
checks:
a. Parity check. The number of 1s in the receive data must match the even or odd parity
setting of the O/E bit in SMR.
b. Stop bit check. The stop bit value must be 1. If there are two stop bits, only the first stop bit
is checked.
c. Status check. RDRF must be 0 so that receive data can be loaded from RSR into RDR.
If the data passes these checks, the SCI sets RDRF to 1 and stores the receive data in RDR. If
one of the checks fails (receive error), the SCI operates as indicated in table 14.11.
Note: When a receive error occurs, further receiving is disabled. While receiving, the RDRF
bit is not set to 1, so be sure to clear the error flags.
4. After setting RDRF to 1, if the receive-data-full interrupt enable bit (RIE) is set to 1 in SCR,
the SCI requests a receive-data-full interrupt (RXI). If one of the error flags (ORER, PER, or
FER) is set to 1 and the receive-data-full interrupt enable bit (RIE) in SCR is also set to 1, the
SCI requests a receive-error interrupt (ERI).
Table 14.11 Receive Error Conditions and SCI Operation
Receive Error
Abbreviation
Condition
Data Transfer
Overrun error
ORER
Receiving of next data ends while
RDRF is still set to 1 in SSR
Receive data not loaded
from RSR into RDR
Framing error
FER
Stop bit is 0
Receive data loaded from
RSR into RDR
Parity error
PER
Parity of receive data differs from
even/odd parity setting in SMR
Receive data loaded from
RSR into RDR
Figure 14.9 shows an example of SCI receive operation in asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com