Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 501Page - Renesas Technology Corp SH7052 Datasheet HTML 502Page - Renesas Technology Corp SH7052 Datasheet HTML 503Page - Renesas Technology Corp SH7052 Datasheet HTML 504Page - Renesas Technology Corp SH7052 Datasheet HTML 505Page - Renesas Technology Corp SH7052 Datasheet HTML 506Page - Renesas Technology Corp SH7052 Datasheet HTML 507Page - Renesas Technology Corp SH7052 Datasheet HTML 508Page - Renesas Technology Corp SH7052 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 919 page
background image
479
In transmitting serial data, the SCI operates as follows:
1. The SCI monitors the TDRE bit in SSR. When TDRE is cleared to 0 the SCI recognizes that
the transmit data register (TDR) contains new data, and loads this data from TDR into the
transmit shift register (TSR).
2. After loading the data from TDR into TSR, the SCI sets the TDRE bit to 1 and starts
transmitting. If the transmit-data-empty interrupt enable bit (TIE) in SCR is set to 1, the SCI
requests a transmit-data-empty interrupt (TXI) at this time.
Serial transmit data is transmitted in the following order from the TxD pin:
a. Start bit: one 0-bit is output.
b. Transmit data: seven or eight bits are output, LSB first.
c. Multiprocessor bit: one multiprocessor bit (MPBT value) is output.
d. Stop bit: one or two 1-bits (stop bits) are output.
e. Marking: output of 1-bits continues until the start bit of the next transmit data.
3. The SCI checks the TDRE bit when it outputs the stop bit. If TDRE is 0, the SCI loads data
from TDR into TSR, outputs the stop bit, then begins serial transmission of the next frame. If
TDRE is 1, the SCI sets the TEND bit in SSR to 1, outputs the stop bit, then continues output
of 1-bits in the marking state. If the transmit-end interrupt enable bit (TEIE) in SCR is set to 1,
a transmit-end interrupt (TEI) is requested at this time.
Figure 14.12 shows an example of SCI receive operation in the multiprocessor format.
TDRE
TEND
TXI interrupt
handler writes
data in TDR and
clears TDRE to 0
TXI
interrupt
request
TEI
interrupt
request
1 frame
01
1
1
0/1
0
1
Multiprocessor
bit
Multiprocessor
bit
Serial
data
Start
bit
Data
Stop
bit
Start
bit
Data
Stop
bit
Idling
(marking)
D0
D1
D7
D0
D1
D7
0/1
TXI
interrupt
request
Figure 14.12 SCI Multiprocessor Transmit Operation
(Example: 8-Bit Data with Multiprocessor Bit and One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com