Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 515Page - Renesas Technology Corp SH7052 Datasheet HTML 516Page - Renesas Technology Corp SH7052 Datasheet HTML 517Page - Renesas Technology Corp SH7052 Datasheet HTML 518Page - Renesas Technology Corp SH7052 Datasheet HTML 519Page - Renesas Technology Corp SH7052 Datasheet HTML 520Page - Renesas Technology Corp SH7052 Datasheet HTML 521Page - Renesas Technology Corp SH7052 Datasheet HTML 522Page - Renesas Technology Corp SH7052 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 919 page
background image
493
In receiving, the SCI operates as follows:
1. The SCI synchronizes with serial clock input or output and initializes internally.
2. Receive data is shifted into RSR in order from the LSB to the MSB. After receiving the data,
the SCI checks that RDRF is 0 so that receive data can be loaded from RSR into RDR. If this
check passes, the SCI sets RDRF to 1 and stores the receive data in RDR. If the check does not
pass (receive error), the SCI operates as indicated in table 14.11 and no further transmission or
reception is possible. If the error flag is set to 1, the RDRF bit is not set to 1 during reception,
even if the RDRF bit is 0 cleared. When restarting reception, be sure to clear the error flag.
3. After setting RDRF to 1, if the receive-data-full interrupt enable bit (RIE) is set to 1 in SCR,
the SCI requests a receive-data-full interrupt (RXI). If the ORER bit is set to 1 and the receive-
data-full interrupt enable bit (RIE) in SCR is also set to 1, the SCI requests a receive-error
interrupt (ERI).
Transmitting and Receiving Serial Data Simultaneously (Synchronous Mode): Figure 14.24
shows a sample flowchart for transmitting and receiving serial data simultaneously. The procedure
is as follows (the steps correspond to the numbers in the flowchart):
1. SCI initialization: Set the TxD and RxD pins using the PFC.
2. SCI status check and transmit data write: Read the serial status register (SSR), check that the
TDRE bit is 1, then write transmit data in the transmit data register (TDR) and clear TDRE to
0. The TXI interrupt can also be used to determine if the TDRE bit has changed from 0 to 1.
3. Receive error handling: If a receive error occurs, read the ORER bit in SSR to identify the
error. After executing the necessary error handling, clear ORER to 0. Transmitting/receiving
cannot resume if ORER remains set to 1.
4. SCI status check and receive data read: Read the serial status register (SSR), check that RDRF
is set to 1, then read receive data from the receive data register (RDR) and clear RDRF to 0.
The RXI interrupt can also be used to determine if the RDRF bit has changed from 0 to 1.
5. Continue transmitting and receiving serial data: Read the RDRF bit and RDR, and clear RDRF
to 0 before the MSB (bit 7) of the current frame is received. Also read the TDRE bit to check
whether it is safe to write (if it reads 1); if so, write data in TDR, then clear TDRE to 0 before
the MSB (bit 7) of the current frame is transmitted. When the DMAC is started by a transmit-
data-empty interrupt request (TXI) to write data in TDR, the TDRE bit is checked and cleared
automatically. When the DMAC is started by a receive-data-full interrupt (RXI) to read RDR,
the RDRF bit is cleared automatically.
Note:
In switching from transmitting or receiving to simultaneous transmitting and receiving,
clear both TE and RE to 0, then set both TE and RE to 1 simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com