Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 518Page - Renesas Technology Corp SH7052 Datasheet HTML 519Page - Renesas Technology Corp SH7052 Datasheet HTML 520Page - Renesas Technology Corp SH7052 Datasheet HTML 521Page - Renesas Technology Corp SH7052 Datasheet HTML 522Page - Renesas Technology Corp SH7052 Datasheet HTML 523Page - Renesas Technology Corp SH7052 Datasheet HTML 524Page - Renesas Technology Corp SH7052 Datasheet HTML 525Page - Renesas Technology Corp SH7052 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 919 page
background image
496
14.5
Usage Notes
Sections 14.5.1 through 14.5.9 provide information concerning use of the SCI.
14.5.1
TDR Write and TDRE Flag
The TDRE bit in the serial status register (SSR) is a status flag indicating loading of transmit data
from TDR into TSR. The SCI sets TDRE to 1 when it transfers data from TDR to TSR. Data can
be written to TDR regardless of the TDRE bit status. If new data is written in TDR when TDRE is
0, however, the old data stored in TDR will be lost because the data has not yet been transferred to
TSR. Before writing transmit data to TDR, be sure to check that TDRE is set to 1.
14.5.2
Simultaneous Multiple Receive Errors
Table 14.13 indicates the state of the SSR status flags when multiple receive errors occur
simultaneously. When an overrun error occurs, the RSR contents cannot be transferred to RDR, so
receive data is lost.
Table 14.13 SSR Status Flags and Transfer of Receive Data
SSR Status Flags
Receive Data
Transfer
Receive Error Status
RDRF
ORER
FER
PER
RSR
→
→
→
→ RDR
Overrun error
1
1
0
0
X
Framing error
0
0
1
0
O
Parity error
0
0
0
1
O
Overrun error + framing error
1
1
1
0
X
Overrun error + parity error
1
1
0
1
X
Framing error + parity error
0
0
1
1
O
Overrun error + framing error + parity
error
11
1
1
X
Note:
O: Receive data is transferred from RSR to RDR.
X: Receive data is not transferred from RSR to RDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com