Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 142Page - Renesas Technology Corp SH7052 Datasheet HTML 143Page - Renesas Technology Corp SH7052 Datasheet HTML 144Page - Renesas Technology Corp SH7052 Datasheet HTML 145Page - Renesas Technology Corp SH7052 Datasheet HTML 146Page - Renesas Technology Corp SH7052 Datasheet HTML 147Page - Renesas Technology Corp SH7052 Datasheet HTML 148Page - Renesas Technology Corp SH7052 Datasheet HTML 149Page - Renesas Technology Corp SH7052 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 919 page
background image
120
Table 8.4
Address Map
• On-chip ROM enabled mode (SH7053F)
Address
Space
Memory
Size
Bus Width
H'0000 0000 to H'0003 FFFF
On-chip ROM
On-chip ROM
256 kB
32 bits
H'0004 0000 to H'001F FFFF
Reserved
Reserved
H'0020 0000 to H'003F FFFF
CS0 space
External space
2 MB
8, 16 bits *
1
H'0040 0000 to H'007F FFFF
CS1 space
External space
4 MB
8, 16 bits *
1
H'0080 0000 to H'00BF FFFF
CS2 space
External space
4 MB
8, 16 bits *
1
H'00C0 0000 to H'00FF FFFF
CS3 space
External space
4 MB
8, 16 bits *
1
H'0100 0000 to H'FFFF 7FFF
Reserved
Reserved
H'FFFF 8000 to H'FFFF BFFF
On-chip RAM
On-chip RAM
12 kB
32 bits
H'FFFF C000 to H'FFFF DFFF Reserved
Reserved
H'FFFF E000 to H'FFFF FFFF
On-chip peripheral
module
On-chip peripheral
module
8 kB
8, 16 bits
• On-chip ROM disabled mode (SH7053F)
Address
Space
Memory
Size
Bus Width
H'0000 0000 to H'003F FFFF
CS0 space
External space
4 MB
8, 16 bits *
2
H'0040 0000 to H'007F FFFF
CS1 space
External space
4 MB
8, 16 bits *
1
H'0080 0000 to H'00BF FFFF
CS2 space
External space
4 MB
8, 16 bits *
1
H'00C0 0000 to H'00FF FFFF
CS3 space
External space
4 MB
8, 16 bits *
1
H'0100 0000 to H'FFFF 7FFF
Reserved
Reserved
H'FFFF 8000 to H'FFFF BFFF
On-chip RAM
On-chip RAM
16 kB
32 bits
H'FFFF B000 to H'FFFF DFFF Reserved
Reserved
H'FFFF E000 to H'FFFF FFFF
On-chip peripheral
module
On-chip peripheral
module
8 kB
8, 16 bits
Notes: Do not access reserved spaces. Operation cannot be guaranteed if they are accessed.
1. Selected by on-chip register (BCR1) settings.
2. Selected by the mode pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com