Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 146Page - Renesas Technology Corp SH7052 Datasheet HTML 147Page - Renesas Technology Corp SH7052 Datasheet HTML 148Page - Renesas Technology Corp SH7052 Datasheet HTML 149Page - Renesas Technology Corp SH7052 Datasheet HTML 150Page - Renesas Technology Corp SH7052 Datasheet HTML 151Page - Renesas Technology Corp SH7052 Datasheet HTML 152Page - Renesas Technology Corp SH7052 Datasheet HTML 153Page - Renesas Technology Corp SH7052 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 919 page
background image
124
the area specification of the previous access
. Refer to section 8.4, Waits between Access
Cycles, for details.
IW31 and IW30 specify the idle between cycles for CS3 space; IW21 and IW20 specify the
idle between cycles for CS2 space; IW11 and IW10 specify the idle between cycles for CS1
space and IW01 and IW00 specify the idle between cycles for CS0 space.
Bit 15: IW31
Bit 14: IW30
Description
0
0
No CS3 space idle cycle
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(Initial value)
Bit 13: IW21
Bit 12: IW20
Description
0
0
No CS2 space idle cycle
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(Initial value)
Bit 11: IW11
Bit 10: IW10
Description
0
0
No CS1 space idle cycle
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(Initial value)
Bit 9: IW01
Bit 8: IW00
Description
0
0
No CS0 space idle cycle
1
Inserts one idle cycle
1
0
Inserts two idle cycles
1
Inserts three idle cycles
(Initial value)
• Bits 7 to 4—Idle Specification for Continuous Access (CW3, CW2, CW1, CW0): The
continuous access idle specification makes insertions to clearly delineate the bus intervals by
once negating the
CSn signal when performing consecutive accesses to the same CS space.
When a write immediately follows a read, the number of idle cycles inserted is the larger of the
two values specified by IW and CW. Refer to section 8.4, Waits between Access Cycles, for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com