Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 150Page - Renesas Technology Corp SH7052 Datasheet HTML 151Page - Renesas Technology Corp SH7052 Datasheet HTML 152Page - Renesas Technology Corp SH7052 Datasheet HTML 153Page - Renesas Technology Corp SH7052 Datasheet HTML 154Page - Renesas Technology Corp SH7052 Datasheet HTML 155Page - Renesas Technology Corp SH7052 Datasheet HTML 156Page - Renesas Technology Corp SH7052 Datasheet HTML 157Page - Renesas Technology Corp SH7052 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 919 page
background image
128
8.2.4
RAM Emulation Register (RAMER)
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
RAMS
RAM2
RAM1
RAM0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
The RAM emulation register (RAMER) is a 16-bit readable/writable register that selects the RAM
area to be used when emulating realtime programming of flash memory.
RAMER is initialized to H'0000 by a power-on reset and in hardware standby mode. It is not
initialized by a manual reset or in software standby mode.
Note:
To ensure correct operation of the RAM emulation function, the ROM for which RAM
emulation is performed should not be accessed immediately after this register has been
modified. Operation cannot be guaranteed if such an access is made.
• Bits 15 to 4—Reserved: Only 0 should be written to these bits. Operation cannot be guaranteed
if 1 is written.
• Bit 3—RAM Select (RAMS): Used together with bits 2 to 0 to select or deselect flash memory
emulation by RAM (table 8.6).
When 1 is written to this bit, all flash memory blocks are write/erase-protected.
This bit is ignored in modes with on-chip ROM disabled.
• Bits 2 to 0—RAM Area Specification (RAM2 to RAM0): These bits are used together with the
RAMS bit to designate the flash memory area to be overlapped onto RAM (table 8.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com