Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 157Page - Renesas Technology Corp SH7052 Datasheet HTML 158Page - Renesas Technology Corp SH7052 Datasheet HTML 159Page - Renesas Technology Corp SH7052 Datasheet HTML 160Page - Renesas Technology Corp SH7052 Datasheet HTML 161Page - Renesas Technology Corp SH7052 Datasheet HTML 162Page - Renesas Technology Corp SH7052 Datasheet HTML 163Page - Renesas Technology Corp SH7052 Datasheet HTML 164Page - Renesas Technology Corp SH7052 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 919 page
background image
135
IW31 and IW30 specify the number of idle cycles required after a CS3 space read either to read
other external spaces, or for this chip, to perform write accesses. In the same manner, IW21 and
IW20 specify the number of idle cycles after a CS2 space read, IW11 and IW10, the number after
a CS1 space read, and IW01 and IW00, the number after a CS0 space read. 0 to 3 idle cycles can
be specified.
8.4.2
Simplification of Bus Cycle Start Detection
For consecutive accesses of the same CS space, waits are inserted so that the number of idle cycles
designated by the CW3 to CW0 bits of BCR2 occur. However, for write cycles after reads, the
number of idle cycles inserted will be the larger of the two values defined by the IW and CW bits.
When idle cycles already exist between access cycles, waits are not inserted. Figure 8.8 shows an
example. A continuous access idle is specified for CSn space, and CSn space is consecutively
write-accessed.
CK
CSn
RD
WRH, WRL
Data
CSn space access
CSn space access
Idle cycle
Address
T1
T2
T1
T2
Tidle
Figure 8.8 Same Space Consecutive Access Idle Cycle Insertion Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com