Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 158Page - Renesas Technology Corp SH7052 Datasheet HTML 159Page - Renesas Technology Corp SH7052 Datasheet HTML 160Page - Renesas Technology Corp SH7052 Datasheet HTML 161Page - Renesas Technology Corp SH7052 Datasheet HTML 162Page - Renesas Technology Corp SH7052 Datasheet HTML 163Page - Renesas Technology Corp SH7052 Datasheet HTML 164Page - Renesas Technology Corp SH7052 Datasheet HTML 165Page - Renesas Technology Corp SH7052 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 919 page
background image
136
8.5
Bus Arbitration
The SH7052F/SH7053F/SH7054F has a bus arbitration function that, when a bus release request
is received from an external device, releases the bus to that device. The
SH7052F/SH7053F/SH7054F also has three internal bus masters, the CPU, DMAC, and AUD.
The priority ranking for determining bus right transfer between these bus masters is:
Bus right request from external device > AUD > DMAC > CPU
Therefore, an external device that generates a bus request is given priority even if the request is
made during a DMAC burst transfer.
The AUD does not acquire the bus during DMAC burst transfer, but at the end of the transfer.
When the CPU has possession of the bus, the AUD has higher priority than the DMAC for bus
acquisition.
A bus request by an external device should be input at the
BREQ pin. The signal indicating that
the bus has been released is output from the
BACK pin.
Figure 8.9 shows the bus right release procedure.
BREQ = Low
SH7052F, SH7053F, SH7054F
BREQ accepted
Strobe pin:
high-level output
Address, data,
strobe pin:
high impedance
Bus right release
response
Bus right release status
External device
Bus right request
BACK confirmation
Bus right acquisition
BACK = Low
Figure 8.9 Bus Right Release Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com