Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 170Page - Renesas Technology Corp SH7052 Datasheet HTML 171Page - Renesas Technology Corp SH7052 Datasheet HTML 172Page - Renesas Technology Corp SH7052 Datasheet HTML 173Page - Renesas Technology Corp SH7052 Datasheet HTML 174Page - Renesas Technology Corp SH7052 Datasheet HTML 175Page - Renesas Technology Corp SH7052 Datasheet HTML 176Page - Renesas Technology Corp SH7052 Datasheet HTML 177Page - Renesas Technology Corp SH7052 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 919 page
background image
148
• Bits 13 and 12—Source Address Mode 1 and 0 (SM1, SM0): These bits specify
increment/decrement of the DMA transfer source address.
Bit 13: SM1
Bit 12: SM0
Description
0
0
Source address fixed
(Initial value)
0
1
Source address incremented (+1 during 8-bit transfer, +2
during 16-bit transfer, +4 during 32-bit transfer)
1
0
Source address decremented (–1 during 8-bit transfer, –2
during 16-bit transfer, –4 during 32-bit transfer)
1
1
Setting prohibited
When the transfer source is specified at an indirect address, specify in source address register 3
(SAR3) the actual storage address of the data to be transferred as the data storage address (indirect
address).
During indirect address mode, SAR3 obeys the SM1/SM0 setting for increment/decrement. In this
case, SAR3’s increment/decrement is fixed at +4/–4 or 0, irrespective of the transfer data size
specified by TS1 and TS0.
• Bits 9 and 8—Destination Address Mode 1 and 0 (DM1, DM0): These bits specify
increment/decrement of the DMA transfer source address.
Bit 9: DM1
Bit 8: DM0
Description
0
0
Destination address fixed
(Initial value)
0
1
Destination address incremented (+1 during 8-bit transfer, +2
during 16-bit transfer, +4 during 32-bit transfer)
1
0
Destination address decremented (–1 during 8-bit transfer, –2
during 16-bit transfer, –4 during 32-bit transfer)
1
1
Setting prohibited
• Bits 5 and 4—Transfer Size 1 and 0 (TS1, TS0): These bits specify the size of the data for
transfer.
Bit 5: TS1
Bit 4: TS0
Description
0
0
Specifies byte size (8 bits)
(Initial value)
0
1
Specifies word size (16 bits)
1
0
Specifies longword size (32 bits)
1
1
Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com