Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 171Page - Renesas Technology Corp SH7052 Datasheet HTML 172Page - Renesas Technology Corp SH7052 Datasheet HTML 173Page - Renesas Technology Corp SH7052 Datasheet HTML 174Page - Renesas Technology Corp SH7052 Datasheet HTML 175Page - Renesas Technology Corp SH7052 Datasheet HTML 176Page - Renesas Technology Corp SH7052 Datasheet HTML 177Page - Renesas Technology Corp SH7052 Datasheet HTML 178Page - Renesas Technology Corp SH7052 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 919 page
background image
149
• Bit 3—Transfer Mode (TM): Specifies the bus mode for data transfer.
Bit 3: TM
Description
0
Cycle-steal mode
(Initial value)
1
Burst mode
• Bit 2—Interrupt Enable (IE): When this bit is set to 1, interrupt requests are generated after the
number of data transfers specified in DMATCR (when TE = 1).
Bit 2: IE
Description
0
Interrupt request not generated on completion of DMATCR-specified
number of transfers
(Initial value)
1
Interrupt request enabled on completion of DMATCR-specified number
of transfers
• Bit 1—Transfer End (TE): This bit is set to 1 after the number of data transfers specified by
DMATCR. At this time, if the IE bit is set to 1, an interrupt request is generated.
If data transfer ends before TE is set to 1 (for example, due to an NMI or address error, or
clearing of the DE bit or DME bit of DMAOR) TE is not set to 1. With this bit set to 1, data
transfer is disabled even if the DE bit is set to 1.
Bit 1: TE
Description
0
DMATCR-specified number of transfers not completed
(Initial value)
[Clearing condition]
0 write after TE = 1 read, power-on reset, standby mode
1
DMATCR-specified number of transfers completed
• Bit 0—DMAC Enable (DE): DE enables operation in the corresponding channel.
Bit 0: DE
Description
0
Operation of the corresponding channel disabled
(Initial value)
1
Operation of the corresponding channel enabled
Transfer is initiated if this bit is set to 1 when auto-request is specified (RS4 to RS0 settings). With
an on-chip module request, when a transfer request occurs after this bit is set to 1, transfer is
initiated. If this bit is cleared during a data transfer, transfer is suspended.
If the DE bit has been set, but TE = 1, then if the DME bit of DMAOR is 0, and the NMIF or AE
bit of DMAOR is 1, the transfer enable state is not entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com