Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 208Page - Renesas Technology Corp SH7052 Datasheet HTML 209Page - Renesas Technology Corp SH7052 Datasheet HTML 210Page - Renesas Technology Corp SH7052 Datasheet HTML 211Page - Renesas Technology Corp SH7052 Datasheet HTML 212Page - Renesas Technology Corp SH7052 Datasheet HTML 213Page - Renesas Technology Corp SH7052 Datasheet HTML 214Page - Renesas Technology Corp SH7052 Datasheet HTML 215Page - Renesas Technology Corp SH7052 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 919 page
background image
186
Table 10.3
ATU-II Registers (cont)
Channel
Name
Abbrevia-
tion
R/W
Initial
Value
Address
Access Size (Bits)
3
Timer I/O control
register 3A
TIOR3A
R/W
H'00
H'FFFFF4AB 8, 16
Timer I/O control
register 3B
TIOR3B
R/W
H'00
H'FFFFF4AA
Timer control register 3 TCR3
R/W
H'00
H'FFFFF4AC 8
4
Free-running counter 4 TCNT4
R/W
H'0000 H'FFFFF4C0 16
General register 4A
GR4A
R/W
H'FFFF H'FFFFF4C2
General register 4B
GR4B
R/W
H'FFFF H'FFFFF4C4
General register 4C
GR4C
R/W
H'FFFF H'FFFFF4C6
General register 4D
GR4D
R/W
H'FFFF H'FFFFF4C8
Timer I/O control
register 4A
TIOR4A
R/W
H'00
H'FFFFF4CB 8, 16
Timer I/O control
register 4B
TIOR4B
R/W
H'00
H'FFFFF4CA
Timer control register 4 TCR4
R/W
H'00
H'FFFFF4CC 8
5
Free-running counter 5 TCNT5
R/W
H'0000 H'FFFFF4E0 16
General register 5A
GR5A
R/W
H'FFFF H'FFFFF4E2
General register 5B
GR5B
R/W
H'FFFF H'FFFFF4E4
General register 5C
GR5C
R/W
H'FFFF H'FFFFF4E6
General register 5D
GR5D
R/W
H'FFFF H'FFFFF4E8
Timer I/O control
register 5A
TIOR5A
R/W
H'00
H'FFFFF4EB 8, 16
Timer I/O control
register 5B
TIOR5B
R/W
H'00
H'FFFFF4EA
Timer control register 5 TCR5
R/W
H'00
H'FFFFF4EC 8
6
Free-running counter
6A
TCNT6A
R/W
H'0001 H'FFFFF500
16
Free-running counter
6B
TCNT6B
R/W
H'0001 H'FFFFF502
Free-running counter
6C
TCNT6C
R/W
H'0001 H'FFFFF504
Free-running counter
6D
TCNT6D
R/W
H'0001 H'FFFFF506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com