Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 205Page - Renesas Technology Corp SH7052 Datasheet HTML 206Page - Renesas Technology Corp SH7052 Datasheet HTML 207Page - Renesas Technology Corp SH7052 Datasheet HTML 208Page - Renesas Technology Corp SH7052 Datasheet HTML 209Page - Renesas Technology Corp SH7052 Datasheet HTML 210Page - Renesas Technology Corp SH7052 Datasheet HTML 211Page - Renesas Technology Corp SH7052 Datasheet HTML 212Page - Renesas Technology Corp SH7052 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 919 page
background image
183
Table 10.3
ATU-II Registers (cont)
Channel
Name
Abbrevia-
tion
R/W
Initial
Value
Address
Access Size (Bits)
0
Timer interval interrupt
request register 2B
ITVRR2B
R/W
H'00
H'FFFFF428
8
Timer I/O control
register
TIOR0
R/W
H'00
H'FFFFF42A
Timer status register 0
TSR0
R/(W)* H'0000 H'FFFFF42C 16
Timer interrupt enable
register 0
TIER0
R/W
H'0000 H'FFFFF42E
1
Free-running counter
1A
TCNT1A
R/W
H'0000 H'FFFFF440
16
Free-running counter
1B
TCNT1B
R/W
H'0000 H'FFFFF442
General register 1A
GR1A
R/W
H'FFFF H'FFFFF444
General register 1B
GR1B
R/W
H'FFFF H'FFFFF446
General register 1C
GR1C
R/W
H'FFFF H'FFFFF448
General register 1D
GR1D
R/W
H'FFFF H'FFFFF44A
General register 1E
GR1E
R/W
H'FFFF H'FFFFF44C
General register 1F
GR1F
R/W
H'FFFF H'FFFFF44E
General register 1G
GR1G
R/W
H'FFFF H'FFFFF450
General register 1H
GR1H
R/W
H'FFFF H'FFFFF452
Output compare
register 1
OCR1
R/W
H'FFFF H'FFFFF454
Offset base register 1
OSBR1
R
H'0000 H'FFFFF456
Timer I/O control
register 1A
TIOR1A
R/W
H'00
H'FFFFF459
8, 16
Timer I/O control
register 1B
TIOR1B
R/W
H'00
H'FFFFF458
Timer I/O control
register 1C
TIOR1C
R/W
H'00
H'FFFFF45B
Timer I/O control
register 1D
TIOR1D
R/W
H'00
H'FFFFF45A
Timer control register
1A
TCR1A
R/W
H'00
H'FFFFF45D
Timer control register
1B
TCR1B
R/W
H'00
H'FFFFF45C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com