Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 202Page - Renesas Technology Corp SH7052 Datasheet HTML 203Page - Renesas Technology Corp SH7052 Datasheet HTML 204Page - Renesas Technology Corp SH7052 Datasheet HTML 205Page - Renesas Technology Corp SH7052 Datasheet HTML 206Page - Renesas Technology Corp SH7052 Datasheet HTML 207Page - Renesas Technology Corp SH7052 Datasheet HTML 208Page - Renesas Technology Corp SH7052 Datasheet HTML 209Page - Renesas Technology Corp SH7052 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 919 page
background image
180
Table 10.2
ATU-II Pins (cont)
Channel
Name
Abbreviation
I/O
Function
5
Input capture/output
compare 5A
TIO5A
Input/
output
GR5A output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 5B
TIO5B
Input/
output
GR5B output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 5C
TIO5C
Input/
output
GR5C output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 5D
TIO5D
Input/
output
GR5D output compare output/input
capture input
6
Output compare 6A
TO6A
Output
PWM output pin
Output compare 6B
TO6B
Output
PWM output pin
Output compare 6C
TO6C
Output
PWM output pin
Output compare 6D
TO6D
Output
PWM output pin
7
Output compare 7A
TO7A
Output
PWM output pin
Output compare 7B
TO7B
Output
PWM output pin
Output compare 7C
TO7C
Output
PWM output pin
Output compare 7D
TO7D
Output
PWM output pin
8
One-shot pulse 8A
TO8A
Output
One-shot pulse output pin
One-shot pulse 8B
TO8B
Output
One-shot pulse output pin
One-shot pulse 8C
TO8C
Output
One-shot pulse output pin
One-shot pulse 8D
TO8D
Output
One-shot pulse output pin
One-shot pulse 8E
TO8E
Output
One-shot pulse output pin
One-shot pulse 8F
TO8F
Output
One-shot pulse output pin
One-shot pulse 8G
TO8G
Output
One-shot pulse output pin
One-shot pulse 8H
TO8H
Output
One-shot pulse output pin
One-shot pulse 8I
TO8I
Output
One-shot pulse output pin
One-shot pulse 8J
TO8J
Output
One-shot pulse output pin
One-shot pulse 8K
TO8K
Output
One-shot pulse output pin
One-shot pulse 8L
TO8L
Output
One-shot pulse output pin
One-shot pulse 8M
TO8M
Output
One-shot pulse output pin
One-shot pulse 8N
TO8N
Output
One-shot pulse output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com