Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 198Page - Renesas Technology Corp SH7052 Datasheet HTML 199Page - Renesas Technology Corp SH7052 Datasheet HTML 200Page - Renesas Technology Corp SH7052 Datasheet HTML 201Page - Renesas Technology Corp SH7052 Datasheet HTML 202Page - Renesas Technology Corp SH7052 Datasheet HTML 203Page - Renesas Technology Corp SH7052 Datasheet HTML 204Page - Renesas Technology Corp SH7052 Datasheet HTML 205Page - Renesas Technology Corp SH7052 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 919 page
background image
176
Table 10.1 lists the functions of the ATU-II.
Table 10.1
ATU-II Functions
Item
Channel 0
Channel 1
Channel 2
Channels 3 to 5
Counter
configu-
ration
Clock
sources
φ to φ/32
(
φ to φ/32) × (1/2n)
(n = 0 to 5)
TCLKA, TCLKB
(
φ to φ/32) × (1/2n)
(n = 0 to 5)
TCLKA, TCLKB
(
φ to φ/32) × (1/2n)
(n = 0 to 5)
TCLKA, TCLKB
Counters
TCNT0H, TCNT0L
TCNT1A, TCNT1B
TCNT2A, TCNT2B
TCNT3 to 5
General
registers
—
GR1A to H
GR2A to H
GR3A to D,
GR4A to D,
GR5A to D
Dedicated
input
capture
ICR0AH, ICR0AL,
ICR0BH, ICR0BL,
ICR0CH, ICR0CL,
ICR0DH, ICR0DL
OSBR1
OSBR2
—
Dedicated
output
compare
—
OCR1
OCR2A to 2H
—
PWM
output
—
—
—
Duty: GR3A to C,
GR4A to C,
GR5A to C
Cycle: GR3D, GR4D,
GR5D
Input pins
TI0A to D
—
—
—
I/O pins
—
TIO1A to H
TIO2A to H
TIO3A to D,
TIO4A to D,
TIO5A to D
Output pins
————
Counter clearing
function
———O
Interrupt sources
6 sources
Interval
× 1,
input capture
× 4,
overflow
× 1
9 sources
Dual input capture/
compare-match
× 8,
overflow
× 1
9 sources
Dual input capture/
compare-match
× 8,
overflow
× 1*
(* Same vector)
15 sources
Dual input capture/
compare-match
× 12,
overflow
× 3
Inter-channel and
inter-module
connection signals
A/D converter
activation by interval
interrupt request,
DMAC activation by
input capture
interrupt, channel 10
compare-match
signal capture trigger
input
Compare-match
signal trigger output
to channel 8
one-shot pulse
output down-counter
Channel 10 compare-
match signal counter
clear input
Compare-match
signal trigger output
to channel 8
one-shot pulse
output down-counter
Channel 10 compare-
match signal counter
clear input
Channel 9 compare-
match signal input to
capture trigger
(Channel 3 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com