Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 196Page - Renesas Technology Corp SH7052 Datasheet HTML 197Page - Renesas Technology Corp SH7052 Datasheet HTML 198Page - Renesas Technology Corp SH7052 Datasheet HTML 199Page - Renesas Technology Corp SH7052 Datasheet HTML 200Page - Renesas Technology Corp SH7052 Datasheet HTML 201Page - Renesas Technology Corp SH7052 Datasheet HTML 202Page - Renesas Technology Corp SH7052 Datasheet HTML 203Page - Renesas Technology Corp SH7052 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 919 page
background image
174
• Channel 2 has eight 16-bit output compare registers, eight general registers, and one dedicated
input capture register. The output compare registers can also be selected for one-shot pulse
offset in combination with the channel 8 down-counter.
 General registers (GR2A to H) can be used as input capture or output compare registers
 Waveform output by means of compare-match: Selection of 0 output, 1 output, or toggle
output
 Input capture function: Rising-edge, falling-edge, or both-edge detection
 Channel 0 input signal (TI0A) can be captured as trigger
 Provision for forcible cutoff of channel 8 down-counters (DCNT8A to H)
 Compare-match interrupts/capture interrupts and counter overflow interrupts can be
generated
• Channels 3 to 5 each have four general registers, allowing the following operations:
 Selection of input capture, output compare, PWM mode
 Waveform output by means of compare-match: Selection of 0 output, 1 output, or toggle
output
 Input capture function: Rising-edge, falling-edge, or both-edge detection
 Channel 9 compare-match signal can be captured as trigger (channel 3 only)
 Compare-match interrupts/capture interrupts can be generated
• Channels 6 and 7 have four 16-bit duty registers, four cycle registers, and four buffer registers,
allowing the following operations:
 Any cycle and duty from 0 to 100% can be set
 Duty buffer register value transferred to duty register every cycle
 Interrupts can be generated every cycle
 Complementary PWM output can be set (channel 6 only)
• Channel 8 has sixteen 16-bit down-counters for one-shot pulse output, allowing the following
operations:
 One-shot pulse generation by down-counter
 Down-counter can be rewritten during count
 Interrupt can be generated at end of down-count
 Offset one-shot pulse function available
 Can be linked to channel 1 and 2 output compare functions
• Channel 9 has six event counters and six output compare registers, allowing the following
operations:
 Event counters can be cleared by compare-match
 Rising-edge, falling-edge, or both-edge detection available for external input
 Compare-match signal can be input to channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com