Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 193Page - Renesas Technology Corp SH7052 Datasheet HTML 194Page - Renesas Technology Corp SH7052 Datasheet HTML 195Page - Renesas Technology Corp SH7052 Datasheet HTML 196Page - Renesas Technology Corp SH7052 Datasheet HTML 197Page - Renesas Technology Corp SH7052 Datasheet HTML 198Page - Renesas Technology Corp SH7052 Datasheet HTML 199Page - Renesas Technology Corp SH7052 Datasheet HTML 200Page - Renesas Technology Corp SH7052 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 919 page
background image
171
Table 9.8
Transfer Conditions and Register Set Values for Transfer between External
Memory and SCI1 Transmitting Side
Transfer Conditions
Register
Value
Transfer source: external memory
SAR3
H'00400000
Value stored in address H'00400000
—
H'00450000
Value stored in address H'00450000
—
H'55
Transfer destination: on-chip SCI TDR1
DAR3
H'FFFFF00B
Transfer count: 10 times
DMATCR3
H'0000000A
Transfer source address: incremented
CHCR3
H'10031001
Transfer destination address: fixed
Transfer request source: SCI1 (TDR1)
Bus mode: cycle-steal
Transfer unit: byte
Interrupt request not generated at end of transfer
DMAC master enable on
DMAOR
H'0001
When indirect address mode is on, the data stored in the address set in SAR is not used as the
transfer source data. In the case of indirect addressing, the value stored in the SAR address is read,
then that value is used as the address and the data read from that address is used as the transfer
source data, then that data is stored in the address designated by DAR.
In the table 9.8 example, when a transfer request from TDR1 of SCI1 is generated, a read of the
address located at H'00400000, which is the value set in SAR3, is performed first. The data
H'00450000 is stored at this H'00400000 address, and the DMAC first reads this H'00450000
value. It then uses this read value of H'00450000 as an address and reads the value of H'55 that is
stored in the H'00450000 address. It then writes the value H'55 to address H'FFFFF00B designated
by DAR3 to complete one indirect address transfer.
With indirect addressing, the first executed data read from the address set in SAR3 always results
in a longword size transfer regardless of the TS0 and TS1 bit designations for transfer data size.
However, the transfer source address fixed and increment or decrement designations are according
to the SM0 and SM1 bits. Consequently, despite the fact that the transfer data size designation is
byte in this example, the SAR3 value at the end of one transfer is H'00400004. The write operation
is exactly the same as an ordinary dual address transfer write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com