Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 191Page - Renesas Technology Corp SH7052 Datasheet HTML 192Page - Renesas Technology Corp SH7052 Datasheet HTML 193Page - Renesas Technology Corp SH7052 Datasheet HTML 194Page - Renesas Technology Corp SH7052 Datasheet HTML 195Page - Renesas Technology Corp SH7052 Datasheet HTML 196Page - Renesas Technology Corp SH7052 Datasheet HTML 197Page - Renesas Technology Corp SH7052 Datasheet HTML 198Page - Renesas Technology Corp SH7052 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 919 page
background image
169
Table 9.6
Transfer Conditions and Register Set Values for Transfer between A/D
Converter and On-Chip Memory
Transfer Conditions
Register
Value
Transfer source: on-chip A/D converter ch1 (A/D1)
SAR2
H'FFFFF820
Transfer destination: on-chip memory
DAR2
H'FFFF6000
Transfer count: 128 times (reload count 32 times)
DMATCR2
H'00000080
Transfer source address: incremented
CHCR2
H'010C110D
Transfer destination address: incremented
Transfer request source: A/D converter ch1 (A/D1)
Bus mode: burst
Transfer unit: byte
Interrupt request generation at end of transfer
DMAC master enable on
DMAOR
H'0001
When address reload is on, the SAR2 value returns to its initially set value every four transfers. In
the above example, when a transfer request is input from the A/D1, the byte-size data is first read
in from the H'FFFFF820 register of on-chip A/D1 and that data is written to internal address
H'FFFF6000. Because a byte-size transfer was performed, the SAR2 and DAR2 values at this
point are H'FFFFF821 and H'FFFF6001, respectively. Also, because this is a burst transfer, the
bus right remains secured, so continuous data transfer is possible.
When four transfers are completed, if address reload is off, execution continues with the fifth and
sixth transfers and the SAR2 value continues to increment from H'FFFFF824 to H'FFFFF825 to
H'FFFFF826 and so on. However, when address reload is on, DMAC transfer is halted upon
completion of the fourth transfer and the bus right request signal to the CPU is cleared. At this
time, the value stored in SAR2 is not H'FFFFF823
→ H'FFFFF824, but H'FFFFF823 →
H'FFFFF820, a return to the initially set address. The DAR2 value always continues to be
decremented regardless of whether address reload is on or off.
The DMAC internal status, due to the above operation after completion of the fourth transfer, is
indicated in table 9.7 for both address reload on and off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com