Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 188Page - Renesas Technology Corp SH7052 Datasheet HTML 189Page - Renesas Technology Corp SH7052 Datasheet HTML 190Page - Renesas Technology Corp SH7052 Datasheet HTML 191Page - Renesas Technology Corp SH7052 Datasheet HTML 192Page - Renesas Technology Corp SH7052 Datasheet HTML 193Page - Renesas Technology Corp SH7052 Datasheet HTML 194Page - Renesas Technology Corp SH7052 Datasheet HTML 195Page - Renesas Technology Corp SH7052 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 919 page
background image
166
CK
Internal
address bus
Internal
data bus
SAR2
DAR2
DAR2
DAR2
DAR2
SAR2+2
SAR2+4
SAR2+6
SAR2
DAR2
SAR2 data
SAR2+2 data
SAR2+4 data
SAR2+6 data
SAR2 data
1st channel 2
transfer
2nd channel 2
transfer
3rd channel 2
transfer
4th channel 2
transfer
5th channel 2
transfer
SAR2 output
DAR2 output
SAR2+2 output
DAR2 output
SAR2+4 output
DAR2 output
SAR2+6 output
DAR2 output
SAR2 output
DAR2 output
After SAR2+6 output, SAR2 is reloaded
Bus right is returned one time in four
Figure 9.11 Source Address Reload Function Timing Chart
The reload function can be executed whether the transfer data size is 8, 16, or 32 bits.
DMATCR2, which specifies the number of transfers, is decremented by 1 at the end of every
single-transfer-unit transfer, regardless of whether the reload function is on or off. Therefore,
when using the reload function in the on state, a multiple of 4 must be specified in DMATCR2.
Operation will not be guaranteed if any other value is set. Also, the counter which counts the
occurrence of four transfers for address reloading is reset by clearing of the DME bit in DMAOR
or the DE bit in CHCR2, setting of the transfer end flag (the TE bit in CHCR2), NMI input, and
setting of the AE flag (address error generation in DMAC transfer), as well as by a reset and in
software standby mode, but SAR2, DAR2, DMATCR2, and other registers are not reset.
Consequently, when one of these sources occurs, there is a mixture of initialized counters and
uninitialized registers in the DMAC, and incorrect operation may result if a restart is executed in
this state. Therefore, when one of the above sources, other than TE setting, occurs during use of
the address reload function, SAR, DAR2, and DMATCR2 settings must be carried out before re-
execution.
9.3.10
DMA Transfer Ending Conditions
The DMA transfer ending conditions vary for individual channels ending and for all channels
ending together.
Individual Channel Ending Conditions: There are two ending conditions. A transfer ends when
the value of the channel’s DMA transfer count register (DMATCR) is 0, or when the DE bit of the
channel’s CHCR is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com