Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 186Page - Renesas Technology Corp SH7052 Datasheet HTML 187Page - Renesas Technology Corp SH7052 Datasheet HTML 188Page - Renesas Technology Corp SH7052 Datasheet HTML 189Page - Renesas Technology Corp SH7052 Datasheet HTML 190Page - Renesas Technology Corp SH7052 Datasheet HTML 191Page - Renesas Technology Corp SH7052 Datasheet HTML 192Page - Renesas Technology Corp SH7052 Datasheet HTML 193Page - Renesas Technology Corp SH7052 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 919 page
background image
164
9.3.7
Relationship between Request Modes and Bus Modes by DMA Transfer Category
Table 9.4 shows the relationship between request modes and bus modes by DMA transfer
category.
Table 9.4
Relationship between Request Modes and Bus Modes by DMA Transfer
Category
Address
Mode
Transfer Category
Request
Mode
Bus*
5
Mode
Transfer
Size (Bits)
Usable
Channels
Dual
External memory and external memory
Any*
1
B/C
8/16/32
0 to 3
External memory and memory-mapped
external device
Any*
1
B/C
8/16/32
0 to 3
Memory-mapped external device and
memory-mapped external device
Any*
1
B/C
8/16/32
0 to 3
External memory and on-chip memory
Any*
1
B/C
8/16/32
0 to 3
External memory and on-chip
peripheral module
Any*
2
B/C*
3
8/16/32*
4
0 to 3
Memory-mapped external device and
on-chip memory
Any*
1
B/C
8/16/32
0 to 3
Memory-mapped external device and
on-chip peripheral module
Any*
2
B/C*
3
8/16/32*
4
0 to 3
On-chip memory and on-chip memory
Any*
1
B/C
8/16/32
0 to 3
On-chip memory and on-chip
peripheral module
Any*
2
B/C*
3
8/16/32*
4
0 to 3
On-chip peripheral module and on-
chip peripheral module
Any*
2
B/C*
3
8/16/32*
4
0 to 3
B: Burst, C: Cycle-steal
Notes: 1. Auto-request or on-chip peripheral module request enabled. However, in the case of an
on-chip peripheral module request, it is not possible to specify the ATU, SCI, HCAN, or
A/D converter for the transfer request source.
2. Auto-request or on-chip peripheral module request possible. However, if the transfer
request source is the SCI, HCAN, or A/D converter, the transfer source or transfer
destination must be same as the transfer request source.
3. When the transfer request source is the SCI, only cycle-steal mode is possible.
4. Access size permitted by the on-chip peripheral module register that is the transfer
source or transfer destination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com